Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW14NB Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # BPW14NB
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BPW14NB Datasheet(HTML) 4 Page - TEMIC Semiconductors

  BPW14NB Datasheet HTML 1Page - TEMIC Semiconductors BPW14NB Datasheet HTML 2Page - TEMIC Semiconductors BPW14NB Datasheet HTML 3Page - TEMIC Semiconductors BPW14NB Datasheet HTML 4Page - TEMIC Semiconductors BPW14NB Datasheet HTML 5Page - TEMIC Semiconductors BPW14NB Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BPW14N
TELEFUNKEN Semiconductors
Rev. A2, 15-Jul-96
4 (6)
02
4
6
12
0
2
8
14
94 8336
IC – Collector Current ( mA )
6
4
10
8
VCE=5V
RL=100W
l=950nm
toff
ton
Figure 7. Turn On/Turn Off Time vs. Collector Current
400
600
1000
0
0.2
0.4
0.6
0.8
1.0
l – Wavelength ( nm )
94 8337
800
Figure 8. Relative Spectral Sensitivity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
94 8351
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 9. Relative Radiant Sensitivity vs.
Angular Displacement


Similar Part No. - BPW14NB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPW14 ETC-BPW14 Datasheet
230Kb / 8P
   Silizium-NPN-Epitaxial-Planar-Fototransistoren
V.2.381
logo
Actel Corporation
BPW144-1028-12AA95L ACTEL-BPW144-1028-12AA95L Datasheet
1Mb / 8P
   SE-FGG144-H, E-Tec lead free prototype socket drawing for FGG144 and FGG144 packages
More results

Similar Description - BPW14NB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com