Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN4040E-2.5ENB Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TCN4040E-2.5ENB
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN4040E-2.5ENB Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

  TCN4040E-2.5ENB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN4040E-2.5ENB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TCN4041
4
PRELIMINARY INFORMATION
TCN4041-01 6/19/97
PRECISION MICROPOWER
SHUNT VOLTAGE REFERENCE
Output voltage on the TCN4041-ADJ can be adjusted to
any value between 1.24V and 10V. It is a function of the
internal reference voltage (VREF) and the ratio of the external
feedback resistors (see Figure 2). The output can be found
with the equation (where VOUT is the desired output voltage):
VOUT = VREF (R2/R1 + 1)
Equation 1.
The value of the internal VREF is a function of VO. The
“corrected” VREF can be determined by (where VO is the
desired output voltage):
VREF’ = VOUT ∆VREF/∆VOUT) +VY
Equation 2.
∆VREF/∆VOUT is typically -1.3mV/V, and VY = 1.240V.
Replace the value of VREF’ in Equation 1 with the value
determined using Equation 2.
The actual output voltage can deviate from that pre-
dicted by the typical
∆VREF/∆VO in Equation 2. The worst
case
∆VREF/∆VOUT for C-grade parts is – 2.5mV/V and
VY = 1.246V; for D-grade, the worst case is – 3.0mV/V and
VY = 1.248V.
The difference in output voltage resulting from typical
worst case values are shown in the following example: Let
VO = +9V. Using the typical value of ∆VREF/∆VOUT, VREF is
1.228; choosing a value of R1 = 10k
Ω, R2 = 63.272kW. The
output voltage, when using worst case
∆VREF/∆VOUT for
C-grade and D-grade parts, is 8.965V and 8.946V, respec-
tively. This could result in errors as large as 0.39% for
C-grade, and 0.59% for D-grade parts. However, resistor
values resulting from the typical value of
∆VREF/∆VOUT will
work most of the time, requiring no additional adjustments.
APPLICATIONS INFORMATION
Available in space-saving SOT-23B-3 surface
mount packages, the TCN4041 is a precision micro-power
curvature-corrected bandgap shunt voltage reference. It is
designed for stable operation without an external capacitor
connected between the “+” pin and the “-” pin. The TCN4041
also remains stable, however, if a bypass capacitor is used.
The device is available in either a fixed 1.2V or an adjustable
reverse breakdown voltage. The minimum operating cur-
rent is 60mA, and the maximum operating current is 12mA
for both options.
TCN4041s in the SOT-23 package have pin 1
connected as the (-) output. (Die attach interface contact).
Therefore, pin 1 of the TCN4041-1.2 must be left floating or
connected to pin 3, and pin 1 on the TCN4041-ADJ is the
(-) output.
In a conventional shunt regulator application, an
external series resistor (RS) is connected between the
supply voltage and the TCN4041 (Figure 1). RS determines
the current that flows through the load (IL) and the TCN4041
(IQ). Even when the supply voltage is at its minimum, and
the load current is at its maximum value, RS should be small
enough to supply at least the minimum acceptable IQ to the
TCN4041 since load current and supply voltage may vary.
Conversely, when the supply voltage is at its maximum and
IL is at its minimum, RS should be large enough that the
current flowing through the TCN4041 is less than 12mA.
RS is determined by the supply voltage, (VS), the
load and operating current, (IL and IQ), and the TCN4041’s
reverse breakdown voltage, VR.
VS - VR
RS =
IL + IQ
PIN DESCRIPTION
Pin No.
Pin No.
Pin No.
(SOT-23B-3)
TO-92
8-Pin SOIC
Symbol
Description
1
1
1
NC
No connection
2
NC
No connection
3
NC
No connection
2
2
+
Positive terminal
3
3
Negative terminal
4
Negative terminal
5
NC
No connection
6
NC
No connection
7
NC
No connection
8
+
Positive terminal


Similar Part No. - TCN4040E-2.5ENB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4040E-2.5ENB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com