Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM852EOA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TCM852EOA
Description  REGULATED GaAs FET BIAS SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM852EOA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TCM852EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM852EOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-30
TELCOM SEMICONDUCTOR, INC.
The relationship between output voltage and control
voltage for the TCM853 (Figure 5) is given by:
VOUT = VCTRL (–1.28)
(
R2
R1
)
Figure 4. TCM850/851/852 Adjustable Application
NEGOUT
FB
OUT
VIN
All caps = 1.0
µF unless otherwise noted
TCM850
TCM851
TCM852
C1
C3
C2
GND
C1
+
C1
SHDN
SHDN
OSC
VOUT = –2.56V
R2 = 100k
R1 = 100k
IOUT
C4
10
µF
Figure 5. TCM853 Standard Application Circuit
DETAILED DEVICE DESCRIPTION
The voltage applied to VIN is inverted by a capacitive
charge pump (using commutating capacitor C1 and reser-
voir capacitor C2). The negative voltage at NEGOUT is then
regulated by an internal linear regulator, the output of which
is connected to the OUT pin (Figure 1). The most negative
output voltage possible is the inverted input voltage (i.e.
–VIN) plus 1.0V (required by the post regulator). The linear
regulator reduces combined output noise (charge pump
ripple plus incoming supply noise) to 2mVp-p for the TCM850/
1/2 and 1mVp-p for the TCM853.
APPLICATIONS INFORMATION
Setting the Output Voltage
The TCM850/1/2 operate in the fixed output voltage
mode (OUT = – 4.1V) when the FB input is grounded (Figure
3). The output voltage can be adjusted by connecting FB to
the midpoint of a resistive voltage divider from OUT to GND
(Figure 4). Care must be taken to allow a minimum of 1.0V
across the linear regulator for proper regulation. The output
voltage is calculated using the formula below (R2 should be
chosen to be between 100k
Ω and 400kΩ):
VOUT = (–1.28)
(1+
R2
R1
)
NEGOUT
FB
OUT
VIN
VOUT = –4.1V
All caps = 1.0
µF unless otherwise noted
IOUT
TCM850
TCM851
TCM852
C1
C3
C2
C4
10
µF
GND
C1
+
C1
SHDN
SHDN
OSC
Figure 3. TCM850/851/852 Standard Application
NEGOUT
CONT
OUT
VIN
VOUT = – 0.5V to – 9.0V
VCTRL (0 to 10V)
All caps = 1.0
µF unless otherwise noted
R2 = 100k
R1 = 100k
IOUT
TCM853
C1
C3
C2
C4
10
µF
GND
C1
+
C1
SHDN
TCM850
TCM851
TCM852
TCM853
REGULATED GaAs FET BIAS SUPPLY


Similar Part No. - TCM852EOA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM8-1 MINI-TCM8-1 Datasheet
307Kb / 1P
   RF Transformer
TCM8-1++ MINI-TCM8-1+ Datasheet
307Kb / 1P
   RF Transformer
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000AFN TI-TCM8000AFN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000FN TI-TCM8000FN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
More results

Similar Description - TCM852EOA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
   LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com