Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG200ABK Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # DG200ABK
Description  Monolithic Dual SPST CMOS Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG200ABK Datasheet(HTML) 5 Page - TEMIC Semiconductors

  DG200ABK Datasheet HTML 1Page - TEMIC Semiconductors DG200ABK Datasheet HTML 2Page - TEMIC Semiconductors DG200ABK Datasheet HTML 3Page - TEMIC Semiconductors DG200ABK Datasheet HTML 4Page - TEMIC Semiconductors DG200ABK Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DG200A
Siliconix
S-52880—Rev. B, 28-Apr-97
5
Test Circuits
Figure 2.
Switching Time
Figure 3.
Charge Injection
CL
1000 pF
Vg
3 V
D
V+
V–
Rg
–15 V
GND
IN
S
VO
+15 V
VO
DVO
INX
ON
ON
OFF
DVO = measured voltage error due to charge injection
The charge injection in coulombs is
DQ = CL x DVO
VO is the steady state output with switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge of output waveform.
50%
0 V
3 V
tOFF
tON
VO
VS
tr <20 ns
tf <20 ns
Logic
Input
Switch
Input
Switch
Output
90%
CL
35 pF
RL
1 k
W
VO = VS
RL + rDS(on)
RL
VS = +5 V
VO
V–
V+
IN
S
D
3 V
–15 V
GND
+15 V
Figure 4.
Off Isolation
S
IN
RL
D
Rg = 50 W
VS
VO
5 V
Off Isolation = 20 log
VS
VO
V+
–15 V
GND
V–
C
C
+15 V
IN1
0V
VO
+15 V
–15 V
GND
RL
V+
V–
NC
XTALK = 20 log
C
VS
C
VO
0V
50
W
VS
S1
IN2
S2
Rg = 50 W
D1
D2
C = RF bypass
Figure 5.
Channel-to-Channel Crosstalk


Similar Part No. - DG200ABK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG200ABK MAXIM-DG200ABK Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
More results

Similar Description - DG200ABK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. C, 11-Jun-07
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
18-Jul-08
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com