Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6040P Datasheet(PDF) 7 Page - Teccor Electronics

Part # Q6040P
Description  Alternistor Triacs?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

Q6040P Datasheet(HTML) 7 Page - Teccor Electronics

  Q6040P Datasheet HTML 1Page - Teccor Electronics Q6040P Datasheet HTML 2Page - Teccor Electronics Q6040P Datasheet HTML 3Page - Teccor Electronics Q6040P Datasheet HTML 4Page - Teccor Electronics Q6040P Datasheet HTML 5Page - Teccor Electronics Q6040P Datasheet HTML 6Page - Teccor Electronics Q6040P Datasheet HTML 7Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image


Similar Part No. - Q6040P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q604013ABI ETC2-Q604013ABI Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q604013ABICC ETC2-Q604013ABICC Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q604013PCI ETC2-Q604013PCI Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q604013PCI ETC2-Q604013PCI Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Q604013PCICC ETC2-Q604013PCICC Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
More results

Similar Description - Q6040P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
HQ6025XH5 LITTELFUSE-HQ6025XH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
QJXX25XHX LITTELFUSE-QJXX25XHX Datasheet
583Kb / 9P
   25 Amp High Temperature Alternistor Triacs
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com