Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM853EOA Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TCM853EOA
Description  REGULATED GaAs FET BIAS SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM853EOA Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TCM853EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-28
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VIN to GND) .................. – 0.3V to +10.5V
VNEGOUT to GND ...................................... – 10.5V to 0.3V
VIN to VNEGOUT ...............................................................– 0.3 to 21V
VOUT to GND** ........................................ VNEGOUT to 0.3V
SHDN or OSC (Pin 4) to GND ........ – 0.3V to (VIN + 0.3V)
Power Dissipation (TA < 70°C)
SOIC ........................................................... 470mW
Operating Temperature Range
C Device .............................................. 0
°C to 70°C
E Device ....................................... – 40
°C to +85°C
Storage Temperature Range ................ – 65
°C to +165°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*This is a stress ratings only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to Absolute Maximum Rating
Conditions for extended periods may affect device reliability.
**The output may be shorted to NEGOUT or GND if the package power
dissipation is not exceeded. Typical short circuit current to GND is 50mA.
ELECTRICAL CHARACTERISTICS: VIN between +5V and +10V; VOUT = – 4.1V; RL = Open Circuit; TA = TMIN to
TMAX unless otherwise noted. A 100kHz, 50% duty cycle square wave
between GND and VIN is applied to the OSC pin of the TCM852.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Supply Voltage
Note 1
5
10
V
VOUT
Output Voltage
TCM850-TCM852: VFB = 0V (Note 3)
– 4.3
– 4.1
– 3.9
V
TCM853: VCTRL = 4.1V
– 4.2
– 4
Output Voltage Range
– 0.5 to – (VIN –1)
V
VFBSET
Set Voltage
TCM850-852: No Load
– 1.32
– 1.28
– 1.24
V
IQ
Supply Current
2
3
mA
ISHUT
Shutdown Supply Current
TCM850/853: VIN = 10V, SHDN = 0V
0.5
µA
TCM851: SHDN = 2V
2
TCM852: OSC Low
0.5
VOUT Load Regulation
TCM850-TCM852: VFB = 0V (Note 3)
4
8
mV/mA
TCM853: VCTRL = 4.1V
3
8
VOUT Ripple
TCM850-TCM852
2
mVp-p
TCM853
1
fOSC
Oscillator Frequency
TCM850-TCM853: TA = 25°C (Note 2)
80
100
120
kHz
VIH
Input High Voltage
Pin 4
2
V
VIL
Input Low Voltage
Pin 4
0.5
V
IIN
Input Current
Pin 4
±1
µA
CIN
Input Capacitance
Pin 4
10
pF
NOTES: 1. The supply voltage can drop to 4.5V, but the output is no longer guaranteed to sink 5mA at – 4.1V.
2. The TCM852 will operate with a 50kHz to 250kHz square wave of 40% to 60% duty cycle. For best performance, use an 80kHz to
120kHz square wave with 50% duty cycle.
3. IOUT = 0mA or 5mA. Reference Figures 3 and 5.
REGULATED GaAs FET BIAS SUPPLY
TCM850
TCM851
TCM852
TCM853


Similar Part No. - TCM853EOA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM8-1 MINI-TCM8-1 Datasheet
307Kb / 1P
   RF Transformer
TCM8-1++ MINI-TCM8-1+ Datasheet
307Kb / 1P
   RF Transformer
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000AFN TI-TCM8000AFN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000FN TI-TCM8000FN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
More results

Similar Description - TCM853EOA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
   LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com