Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KI5441DC Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI5441DC
Description  P-Channel 2.5-V (G-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI5441DC Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI5441DC Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI5441DC Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
KI5441DC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = -250
A
-0.6
-1.0
V
Gate-Body Leakage
IGSS
VDS =0V, VGS =
12 V
100
nA
VDS = -20V, VGS =0V
-1
A
VDS = -20V, VGS =0V, TJ =85
-5
A
On-State Drain Current*
ID(on)
VDS
-5V, VGS =-4.5V
-20
A
VGS =-4.5V, ID = -3.9A
0.046
0.055
VGS =-3.6V, ID = -3.7A
0.05
0.06
VGS =-2.5V, ID = -3.1A
0.07
0.083
Forward Transconductance*
gfs
VDS =-10 V, ID = -3.9A
12
S
Schottky Diode Forward Voltage*
VSD
IS =-1.1A, VGS = 0 V
-0.8
-1.2
V
Total Gate Charge
Qg
11
22
nC
Gate-Source Charge
Qgs
VDS = -10V, VGS =-4.5V, ID = -3.9 A
3.0
nC
Gate-Drain Charge
Qgd
2.5
nC
Turn-On Delay Time
td(on)
20
30
ns
Rise Time
tr
VDD =-10 V, RL =10
35
55
ns
Turn-Off Delay Time
td(off)
ID =-1A, VGEN = -4.5V, RG =6
65
100
ns
Fall Time
tf
45
70
ns
Source-Drain Reverse Recovery Time
trr
IF = -1.1 A, di/dt = 100 A/
s
30
60
ns
* Pulse test; pulse width
300
s, duty cycle
2%.
IDSS
Zero Gate Voltage Drain Current
rDS(on)
Drain-Source On-State Resistance*


Similar Part No. - KI5441DC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI5447DC KEXIN-KI5447DC Datasheet
63Kb / 2P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - KI5441DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com