Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCL1587-ADJCAB Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TCL1587-ADJCAB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1587-ADJCAB Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TCL1587-ADJCAB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 9Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 10Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 11Page - TelCom Semiconductor, Inc TCL1587-ADJCAB Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TCL1584
TCL1585
TCL1587
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
PRELIMINARY INFORMATION
8
TCL1584/1585/1587-04 6/6/97
When generating the overall thermal design, it is impor-
tant to consider all sources of thermal resistance between
the silicon die and ambient - junction-to-case (
ΘJC), case-to-
heat sink (
ΘCH), heat sink-to-ambient (ΘHA). NOTE: there
are two separate
ΘJC specifications for the power transistor
and the control circuitry. Both junction temperatures must be
calculated and kept under each respective maximum limit to
ensure proper operation. This
ΘJC is for the physical path
between the die and the bottom metal portion of the case
(both TO-220 and DDPAK-3. Heat flow will be greatest
through this path. It is important that good thermal coupling
is made between the case and heat sink. If electrical
isolation from the heat sink is not required, it is recom-
mended that thermally conductive compound be used.
Otherwise, use a thermally conductive dielectric spacer.
The following is a thermal design example:
Using a TCL1585-3.3 in a TO-220 package:
Assumptions:
TA = +70°C
VIN = 5.25V (5V + 5%)
VOUT = 3.30V
IOUT = 4.6A
ΘHA = 3.5°C/W (heat sink-to-ambient)
ΘCH = 1.5°C/W (case-to-heat sink)
ΘJC = 3°C/W (power transistor)
ΘJC = 0.7°C/W (control circuitry)
Power dissipation:
PD = (VIN – VOUT)(IOUT) = (5.25 – 3.3)(4.6) = 8.97W
Junction Temperatures:
TJ = TA + PDHA + ΘCH + ΘJC)
Control Circuitry:
TJ = 70 + 8.97(3.5 + 1.5 + 0.7) = 121.1°C
Power Transistor:
TJ = 70 + 8.97(3.5 + 1.5 + 3) = 141.8°C
These values for TJ fall within the maximum allowed
junction temperature for each die section indicating ad-
equate heat sinking with some margin.
NOTE: Without heat sinking, the thermal resistance for the
TO-220 and DDPAK-3 packages are 53
°C/W and
76
°C/W respectively.


Similar Part No. - TCL1587-ADJCAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1587-ADJCAB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com