Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3636 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3636
Description  Silicon N-channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3636 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3636 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SK3636 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate-drain surrender voltage
VDSS
ID =1mA, VGS =0
800
V
Drain-source cutoff current
IDSS
VDS =640 V, VGS =0
100
ìA
Gate-source cutoff currentt
IGSS
VGS =
30 V, VDS =0
1
ìA
Gate threshold voltage
Vth
VDS =25V, ID =1mA
2.0
5.0
V
Forward transfer admittance *
Yfs
VDS =25V, ID =2mA
1.5
2.4
V
Drain-source on resistance *
RDS(on)
VGS =10V, ID =2mA
3.2
4.0
Ù
Diode forward voltage *
VDSF
IDR =3A, VGS =0
-1.6
V
Short-circuit forward transfer capacitance
Ciss
VDS =10V, VGS = 0,f= 1 MHz
730
pF
Short-circuit output capacitance
Coss
90
pF
Reverse transfer capacitance
Crss
40
pF
Turn-on delay time
td(on)
35
ns
Rise time
tr
60
ns
Fall time
tf
50
ns
Turn-off delay time
td(off)
160
ns
Thermal resistance (ch-c)
Rth(ch-c)
3.6
/W
Thermal resistance (ch-a)
Rth(ch-a)
62.5
/W
* Pulse measurement
VDD =200 V, ID =2A, RL =100 Ù,VGS
=10V
2SK3636


Similar Part No. - 2SK3636

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK363 TOSHIBA-2SK363 Datasheet
226Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK363 TOSHIBA-2SK363 Datasheet
693Kb / 5P
   Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK3633 TOSHIBA-2SK3633 Datasheet
239Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3633 TOSHIBA-2SK3633 Datasheet
221Kb / 6P
   Switching Regulator Applications
2SK3633 TOSHIBA-2SK3633 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3636

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com