Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP8M5 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KP8M5
Description  Switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KP8M5 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KP8M5 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KP8M5 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
VGS=
20V,VDS=0V
N-Ch
10
VGS=
20V,VDS=0V
P-Ch
10
ID=1mA,VGS=0V
N-Ch
30
ID=-1mA,VGS=0V
P-Ch
-30
VDS=30V,VGS=0V
N-Ch
1
VDS=-30V,VGS=0V
P-Ch
-1
VDS=10V,ID=1mA
N-Ch
1.0
2.5
VDS=-10V,ID=-1mA
P-Ch
-1.0
-2.5
ID=6.0A,VGS=10A
21
28
ID=6.0A,VGS=4.5V
30
41
ID=6.0A,VGS=4V
33
45
ID=-7A,VGS=-10A
20
28
ID=-7A,VGS=-4.5V
25
35
ID=-7A,VGS=-4.0V
30
42
ID=6.0A,VDS=10V
N-Ch
4.0
ID=-7A,VDS=-10V
P-Ch
6.0
N-Channel
N-Ch
520
VDS=10V,VGS=0V,f=1MHz
P-Ch
2600
N-Ch
150
P-Channel
P-Ch
450
VDS=-10V,VGS=0V,f=1MHz
N-Ch
95
P-Ch
350
ID=3A,VDD=15V
N-Ch
9
ID=-3.5A,VDD=-15V
P-Ch
20
N-Channel
N-Ch
21
VGS=10V,RL=5.0
,RG=10
P-Ch
50
N-Ch
36
P-Channel
P-Ch
110
VGS=-10V,RL=4.3
,RG=10
N-Ch
13
P-Ch
70
N-Channel
N-Ch
7.2
10.1
VDD=15V,VGS=5V,ID=6.0A
P-Ch
25
N-Ch
1.8
P-Channel
P-Ch
5.5
VDD=-15V,VGS=-5V,ID=-7.0A
N-Ch
2.8
P-Ch
10
IS=6.4A, VGS=0V
N-Ch
1.2
IS=-1.6A, VGS=0V
P-Ch
-1.2
IDSS
Zero gate voltage drain current
VGS (th)
IGSS
Gate-source leakage
V(BR) DSS
Drain-source breakdown voltage
Gate threshold voltage
pF
pF
RDS (on)
Static drain-source on-state
resistance
|Yfs|
Forward transfer admittance
Coss
Output capacitance
m
Input capacitance
td (on)
Turn-on delay time
tr
Rise time
Fall time
Qg
Total gate charge
RDS (on)
Static drain-source on-state
resistance
td (off)
Turn-off delay time
Crss
Reverse transfer capacitance
Ciss
VSD
Forward voltage
Testconditons
N-Ch
P-Ch
Qgs
Gate-source charge
Qgd
Gate-drain charge
tf
m
S
A
V
A
V
pF
ns
V
nC
nC
nC
ns
ns
ns
KP8M5


Similar Part No. - KP8M5

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KP8M10 KEXIN-KP8M10 Datasheet
52Kb / 2P
   Switching
KP8M3 KEXIN-KP8M3 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
KP8M6 KEXIN-KP8M6 Datasheet
53Kb / 2P
   Switching
KP8M7 KEXIN-KP8M7 Datasheet
53Kb / 2P
   KP8M7
More results

Similar Description - KP8M5

ManufacturerPart #DatasheetDescription
logo
Rohm
RK4936 ROHM-RK4936 Datasheet
44Kb / 4P
   Switching
SP8M4 ROHM-SP8M4 Datasheet
104Kb / 6P
   Switching
SP8M9 ROHM-SP8M9 Datasheet
77Kb / 6P
   Switching
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
Rohm
SP8M8 ROHM-SP8M8 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M8 KEXIN-KP8M8 Datasheet
52Kb / 2P
   Switching
KP8M4 KEXIN-KP8M4 Datasheet
52Kb / 2P
   Switching
logo
Rohm
SP8M3 ROHM-SP8M3 Datasheet
107Kb / 6P
   Switching
SP8M10 ROHM-SP8M10 Datasheet
76Kb / 6P
   Switching
SP8M7 ROHM-SP8M7 Datasheet
76Kb / 6P
   Switching
logo
Guangdong Kexin Industr...
KP8M9 KEXIN-KP8M9 Datasheet
52Kb / 2P
   Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com