Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4470-MFLG3 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # TDA4470-MFLG3
Description  Multistandard Video-IF and Quasi Parallel Sound Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4470-MFLG3 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  TDA4470-MFLG3 Datasheet HTML 1Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 2Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 3Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 4Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 5Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 6Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 7Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 8Page - TEMIC Semiconductors TDA4470-MFLG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TDA4470-M
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 15-Oct-96
5 (16)
Pin Description
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vi,SIF1
GND
CAGC
Vi,SIF1
Vsw
Vi,VIF
Vi,VIF
CAGC
GND
Rtop
Itun
Vo,vid
Vsw
Vsw
Vi,SIF2
Vi,SIF2
Rcomp
Vo,AM
Vo,FM
VS
VAFC
VVCO
VVCO
Vsw
CRef
GND
CBL
LF
94 8680
Figure 2. Pinning
Pin
Symbol
Function
1, 2
Vi, SIF1
SIF1 input (symmetrical)
3
Vsw
Input selector switch
4, 9, 16
GND
Ground
5
CAGC
SIF-AGC (time constant)
6, 7
Vi, VIF
VIF input (symmetrical)
8
CAGC
VIF-AGC (time constant)
10
Rtop
Take over point, tuner AGC
11
Itun
Tuner AGC output current
12
Vo,vid
Video output
13
VSW
Standard switch
14
VSW
L’ switch
15
Cbl
Black level capacitor
17
Cref
Internal reference voltage
18
LF
Loop filter
19
Vsw
AFC switch
20, 21
VVCO
VCO circuit
22
VAFC
AFC output
23
VS
Supply voltage
24
VO, FM
Intercarrier output
25
VO, AM
AF output – AM sound
26
Rcomp
Offset compensation
27, 28
Vi, SIF2
SIF 2 input (symmetrical)


Similar Part No. - TDA4470-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472 TEMIC-TDA4472 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-MFLG3 TEMIC-TDA4472-MFLG3 Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
More results

Similar Description - TDA4470-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-M TEMIC-TDA4472-M Datasheet
170Kb / 14P
   Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
logo
STMicroelectronics
TDA8120B STMICROELECTRONICS-TDA8120B Datasheet
200Kb / 6P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM
logo
NXP Semiconductors
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
STMicroelectronics
STV8223A STMICROELECTRONICS-STV8223A Datasheet
119Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224A STMICROELECTRONICS-STV8224A Datasheet
145Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8223B STMICROELECTRONICS-STV8223B Datasheet
112Kb / 10P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
STV8224B STMICROELECTRONICS-STV8224B Datasheet
134Kb / 12P
   MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com