Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4472-MFLG3 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # TDA4472-MFLG3
Description  Video-IF and Quasi Parallel Sound Processing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4472-MFLG3 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button TDA4472-MFLG3 Datasheet HTML 3Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 4Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 5Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 6Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 7Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 8Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 9Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 10Page - TEMIC Semiconductors TDA4472-MFLG3 Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TDA4472-M
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 15-Oct-96
7 (14)
Unit
Max.
Typ.
Min.
Symbol
Test Conditions / Pins
Parameters
Video frequency response over
the AGC range
∆Β
2.0
dB
Differential gain error
DG
2
5
%
Differential phase error
DP
2
5
deg
Intermodulation
1.07 MHz
See note 6
aIM
52
60
dB
Video signal to noise ratio
Weighted, CCIR-567
S/N
56
60
dB
Residual vision carrier
fundamental wave 38.9 MHz
and second harmonic 77.8 MHz
vres1
2
10
mV
Lower limiting level
Below sync level
∆Vlim1
400
mV
Upper limiting level
Above ultra white level
∆Vlim2
600
mV
Ripple rejection
See note 1, Pin 23/Pin 12
RR
35
dB
AFC output
Pin 22
Control slope
∆I/∆f
0.7
mA/kHz
Frequency drift by temperature
Related to the picture
carrier frequency
0.25
0.6
%
Output voltage – upper limit
– lower limit
VAFC
VS–0.4
0.4
V
V
Output current
IAFC
±0.2
mA
AFC switch
Pin 19
Control voltage: AFC “off”
AFC “on”
See note 7
VSW
0
3.5
0.8
VS
V
V
Switching current
ISW
±100
mA
SIF inputs
Pin 1-2, 27-28
Input sensitivity
(RMS value)
Output signal
at Pin 24/25: –3 dB
vin
80
120
mVRMS
Input impedance
See note 1
Rin
1.2
k
W
Input capacitance
See note 1
Cin
2
pF
SIF-AGC
Pin 5
IF gain control range
Gv
60
65
dB
AGC capacitor
CAGC
10
mF
Intercarrier output-FM
Pin 24
see note 8
DC output voltage
VDC
2
V
Output resistance
See note 1
Rout
150
W
Sound IF output voltage
(5.5 MHz output voltage)
vin = 10 mV
vout
180
250
350
mVRMS
Weighted signal to noise ratio:
(CCIR 468)
Ref. signal:
vin = 10 mV;
FM dev. =
±27 kHz
fmod = 1 kHz;
tested with the double
FM demod. U2860B;
B/G modulated VIF signal
Black screen: Channel 1/2
Grid pattern: Channel 1/2
Grey screen 50%: Channel
1/2
S/N
S/N
S/N
60/58
54/52
60/57
dB
dB
dB
Ripple rejection
See note 1, Pin 23/Pin 24
RR
35
dB
SIF input selector switch
Pin 3


Similar Part No. - TDA4472-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
More results

Similar Description - TDA4472-MFLG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4472-A TEMIC-TDA4472-A Datasheet
174Kb / 14P
   Video-IF (VIF) with FPLL Demodulation and Quasi Parallel Sound (QPS) Processing
TDA4445A TEMIC-TDA4445A Datasheet
117Kb / 8P
   Quasi Parallel Sound Processing with Quadrature Intercarrier Demodulator
logo
Siemens Semiconductor G...
TDA5830-2 SIEMENS-TDA5830-2 Datasheet
401Kb / 15P
   VIDEO IF IC WITH VTR CONNECTION AND QUASI PARALLERL SOUND
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
STMicroelectronics
TDA8222 STMICROELECTRONICS-TDA8222 Datasheet
159Kb / 9P
   VIDEO & SOUND IF SYSTEM WITH VIDEO AND SOUND SWITCHES
October 1993
logo
Siemens Semiconductor G...
TDA4282T SIEMENS-TDA4282T Datasheet
215Kb / 5P
   QUASI-PARALLEL SOUND IC WITH FM IF, SYM. INPUT AND VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com