Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4482-D Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TDA4482-D
Description  Quasi-Parallel Sound Processor for TV Sets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4482-D Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TDA4482-D Datasheet HTML 1Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 2Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 3Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 4Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 5Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 6Page - TEMIC Semiconductors TDA4482-D Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA4482-D
TELEFUNKEN Semiconductors
Rev. A1, 29-Aug-96
4 (7)
Figure 2. Pin 1, 2: IF input vision carrier
Figure 3. Pin 3 (15): Intercarrier input
Pin 3 = 5.74 MHz, Pin 15 = 5.5 MHz
Figure 4. Pin 4: AGC storage capacitor
Figure 5. Pin 5 (13): Intercarrier output
Pin 5 = 5.74 MHz, Pin 13 = 5.5 MHz
Figure 6. Pin 12: AF output 2


Similar Part No. - TDA4482-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA4482-C ETC1-TDA4482-C Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - TDA4482-D

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4481 TEMIC-TDA4481 Datasheet
151Kb / 10P
   Multistandard quasi parallel-sound processor for Mono-TV-Sets
TDA2048 TEMIC-TDA2048 Datasheet
107Kb / 10P
   Multistandard quasi parallel-sound processor for Mono-TV-Sets
TDA4480C TEMIC-TDA4480C Datasheet
146Kb / 9P
   Multi standard quasi parallel-sound processor for TV-sets
TDA4480-C TEMIC-TDA4480-C Datasheet
143Kb / 9P
   Multi standard quasi parallel-sound processor for TV-sets
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com