Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDB3652 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDB3652
Description  N-Channel PowerTrench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDB3652 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KDB3652 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDB3652 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
N-Channel PowerTrench MOSFET
KDB3652 (FDB3652)
Features
rDS(ON) = 14m
(Typ.), VGS = 10V, ID = 61A
Qg(tot) = 41nC (Typ.), VGS = 10V
Low Miller Charge
Low QRR Body Diode
UIS Capability (Single Pulse and Repetitive Pulse)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Draintosourcevoltage
VDSS
100
V
Gate to source voltage
VGSS
20
V
Drain current-Continuous
TC=25
61
A
TA=25
9A
Power dissipation
150
W
Derate above 25
1.0
W/
Thermal Resistance Junction to Ambient
RèJA
43
/W
Thermal Resistance, Junction-to-Case
RèJC
1.0
/W
Channel temperature
Tch
175
Storage temperature
Tstg
-55to+175
PD
ID


Similar Part No. - KDB3652

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDB3632 KEXIN-KDB3632 Datasheet
53Kb / 2P
   N-Channel PowerTrench MOSFET
KDB3672 KEXIN-KDB3672 Datasheet
53Kb / 2P
   N-Channel PowerTrench MOSFET
KDB3682 KEXIN-KDB3682 Datasheet
53Kb / 2P
   N-Channel PowerTrench MOSFET
More results

Similar Description - KDB3652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com