Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1124 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # TEA1124
Description  Zero Voltage Switch with Fixed Ramp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TEA1124 Datasheet(HTML) 7 Page - TEMIC Semiconductors

  TEA1124 Datasheet HTML 1Page - TEMIC Semiconductors TEA1124 Datasheet HTML 2Page - TEMIC Semiconductors TEA1124 Datasheet HTML 3Page - TEMIC Semiconductors TEA1124 Datasheet HTML 4Page - TEMIC Semiconductors TEA1124 Datasheet HTML 5Page - TEMIC Semiconductors TEA1124 Datasheet HTML 6Page - TEMIC Semiconductors TEA1124 Datasheet HTML 7Page - TEMIC Semiconductors TEA1124 Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TEA1024/ TEA1124
TELEFUNKEN Semiconductors
Rev. A1, 24-May-96
7 (8)
MT1
Ramp generator
TEA1024 – 640 ms
TEA1124 –1280 ms
Sync. logic
Supply
Protection
2
1
7
4
6
5
Pulse
amplifier
Comparator
3
8
NC
NC
R1
22 k
W/
2 W
D1
1N4007
C1
100
mF
16 V
Load
0.7...1.5 kW
L
2.2 k
W
TIC
236N
N
VM=
230 V ~
95 11417
390 k
W/
(Rsync)
R2
0.5 W
MT2
68
W
RG
R(25) = 10 kW
R(30) = 8 kW
R(10) = 20 kW
NTC / M87
B value = 3474
R12
10 k
W
R6
33 k
W
R4
50 k
W
Rp
+
Figure 11. Temperature regulation with proportional range, 10 to 30 °C/ 640 ms ramp cycle
Dimensions in mm
Package: DIP8


Similar Part No. - TEA1124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
More results

Similar Description - TEA1124

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2117 ATMEL-T2117 Datasheet
265Kb / 16P
   Zero-voltage Switch with Adjustable Ramp
logo
TEMIC Semiconductors
U217B TEMIC-U217B Datasheet
296Kb / 12P
   Zero-Voltage Switch with Adjustable Ramp
logo
ATMEL Corporation
T2117 ATMEL-T2117 Datasheet
80Kb / 11P
   Zero-Voltage Switch with Adjustable Ramp
logo
Siemens Semiconductor G...
BRT21 SIEMENS-BRT21 Datasheet
345Kb / 6P
   SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
   Zero Voltage Switch
July, 2006 ??Rev. 2
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
   Zero Voltage Switch
August, 2001 ??Rev. 1
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
   ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
   ZERO VOLTAGE SWITCH
logo
Motorola, Inc
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
   ZERO VOLTAGE SWITCH
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
   ZERO VOLTAGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com