Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX8530-252RM Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX8530-252RM
Description  PFM Step-up DC/DC Converter With High Efficiency And Low Noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX8530-252RM Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KX8530-252RM Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RM Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Type
IC
www.kexin.com.cn
4
KX8530
Note
1. Diode: Schottky type, such as :1N5817, 1N5819, 1N5822
2. Inductor: 27uH(R<0.5Ù)
3. Capacitor: 100uF(Tantalum type)
Test Circuits
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Input Voltage
Vin
12
V
Input Current
Iin
Iout=0mA
Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA,Vin
0
2V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA,Vin
2
0V
0.6
0.7
V
Quiescent
Without
external
current drawn
components,
Vout
from power
=Vout*1.05
source
Switch ON Resistance
Rswon
0.4
0.5
Ù
LX leakage current
ILXleak
Vout=Vlx=6V
0.5
uA
CE "H" threshold voltage
VCEH
VCE
0
2V
0.6
0.9
V
CE"H" threshold voltage
VCEL
VCE
2
0V
0.3
0.6
V
Oscillator frequency
Fosc
LX on "L" side Vout=Vout*0.96
300
350
400
Khz
Oscillator duty cycle
Maxdty
On
Vlx"L"
side
70
75
80
%
Efficiency
ç
85
%
IDD
47
uA
Output Voltage
Vout
V


Similar Part No. - KX8530-252RM

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX8N60C KEXIN-KX8N60C Datasheet
2Mb / 4P
   N-Channel MOSFET
KX8N60CF KEXIN-KX8N60CF Datasheet
3Mb / 4P
   N-Channel MOSFET
KX8N60F KEXIN-KX8N60F Datasheet
2Mb / 4P
   N-Channel MOSFET
More results

Similar Description - KX8530-252RM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701 Datasheet
354Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com