Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3024 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3024
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3024_1 Datasheet HTML 4Page - Linear Technology LT3024_1 Datasheet HTML 5Page - Linear Technology LT3024_1 Datasheet HTML 6Page - Linear Technology LT3024_1 Datasheet HTML 7Page - Linear Technology LT3024_1 Datasheet HTML 8Page - Linear Technology LT3024_1 Datasheet HTML 9Page - Linear Technology LT3024_1 Datasheet HTML 10Page - Linear Technology LT3024_1 Datasheet HTML 11Page - Linear Technology LT3024_1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3024
8
3024fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output 1 Ripple Rejection
Output 2 Minimum Input Voltage
TEMPERATURE (°C)
–50
100
3024 G31
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 500mA
TEMPERATURE (°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
3024 G32
–25
25
100
125
IL = 100mA
VOUT = 1.22V
IL = 50mA
Output 2
Input Ripple Rejection
TEMPERATURE (°C)
–50
100
3024 G28
050
80
70
60
50
40
30
20
10
0
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 50mA
Output 1
Input Ripple Rejection
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3024 G30
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 100pF
CBYP = 1000pF
Output 1
Input Ripple Rejection
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3024 G29
100
100k
IL = 500mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 4.7μF
COUT = 10μF
Output 2
Input Ripple Rejection
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3024 G27
0.1
100
IL = 100mA
VIN = 2.3V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 1000pF
CBYP = 100pF
Reverse Output Current
Output 2
Input Ripple Rejection
TEMPERATURE (°C)
–50
18
15
12
9
6
3
0
25
75
3024 G25
–25
0
50
100
125
VIN = 0V
VOUT = VADJ = 1.22V
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3024 G26
0.1
100
IL = 100mA
VIN = 2.3V + 50mVRMS RIPPLE
CBYP = 0
COUT = 10μF
COUT = 1μF


Similar Part No. - LT3024_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
More results

Similar Description - LT3024_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com