Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416DG24ER Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6416DG24ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416DG24ER Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6416DG24ER Datasheet HTML 4Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 5Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 6Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 7Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 8Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 9Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 10Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 11Page - Torex Semiconductor XC6416DG24ER Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/30
XC6416 Series
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT
VOLTAGE
1% IN HS MODE
(V)
OUTPUT
VOLTAGE
2% IN PS MODE
(V)
OUTPUT
VOLTAGE
3% IN PS MODE
(V)
LOAD
REGULATION
E-1 (mV)
DROPOUT
VOLTAGE
E-2 (mV)
PS SWITCHING
DELEAY TIME
E-3 (μs)
VOUT1(E)
VOUT1(E)
VOUT2(E)
ΔVOUT
Vdif
tDPS
VOUT(T)
MIN.
MAX.
MIN.
MIN.
MIN.
MAX.
MIN.
MAX.
MIN.
MIN.
MIN.
MAX.
3.00
2.9700
3.0300
2.9400
3.0600
2.9100
3.0900
20
50
95
150
400
1500
3.05
3.0195
3.0805
2.9890
3.1110
2.9585
3.1415
20
50
95
150
400
1500
3.10
3.0690
3.1310
3.0380
3.1620
3.0070
3.1930
20
50
95
150
400
1500
3.15
3.1185
3.1815
3.0870
3.2130
3.0555
3.2445
20
50
95
150
400
1500
3.20
3.1680
3.2320
3.1360
3.2640
3.1040
3.2960
20
50
95
150
400
1500
3.25
3.2175
3.2825
3.1850
3.3150
3.1525
3.3475
20
50
95
150
400
1500
3.30
3.2670
3.3330
3.2340
3.3660
3.2010
3.3990
20
50
80
150
400
1500
3.35
3.3165
3.3835
3.2830
3.4170
3.2495
3.4505
20
50
80
150
400
1500
3.40
3.3660
3.4340
3.3320
3.4680
3.2980
3.5020
20
50
80
150
400
1500
3.45
3.4155
3.4845
3.3810
3.5190
3.3465
3.5535
20
50
80
150
400
1500
3.50
3.4650
3.5350
3.4300
3.5700
3.3950
3.6050
20
50
80
150
400
1500
3.55
3.5145
3.5855
3.4790
3.6210
3.4435
3.6565
20
50
80
150
400
1500
3.60
3.5640
3.6360
3.5280
3.6720
3.4920
3.7080
20
50
80
150
400
1500
3.65
3.6135
3.6865
3.5770
3.7230
3.5405
3.7595
20
50
80
150
400
1500
3.70
3.6630
3.7370
3.6260
3.7740
3.5890
3.8110
20
50
80
150
400
1500
3.75
3.7125
3.7875
3.6750
3.8250
3.6375
3.8625
20
50
80
150
400
1500
3.80
3.7620
3.8380
3.7240
3.8760
3.6860
3.9140
20
50
80
150
400
1500
3.85
3.8115
3.8885
3.7730
3.9270
3.7345
3.9655
20
50
80
150
400
1500
3.90
3.8610
3.9390
3.8220
3.9780
3.7830
4.0170
20
50
80
150
400
1500
3.95
3.9105
3.9895
3.8710
4.0290
3.8315
4.0685
20
50
80
150
400
1500
4.00
3.9600
4.0400
3.9200
4.0800
3.8800
4.1200
30
60
80
120
400
1500
■ELECTRICAL CHARACTERISTICS (Continued)
●Output Voltage Table (Continued)


Similar Part No. - XC6416DG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416DG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com