Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6416FG24ER Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6416FG24ER
Description  Dual LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6416FG24ER Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6416FG24ER Datasheet HTML 6Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 7Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 8Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 9Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 10Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 11Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 12Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 13Page - Torex Semiconductor XC6416FG24ER Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10/30
XC6416 Series
<CL Auto-Discharge Function>
XC6416B/D/F/H series can quickly discharge the electric charge at the output capacitor (CL), when a low signal to the EN pin,
which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the VOUT pin and
the VSS pin (cf. BLOCK DIAGRAM). The CL discharge resistance is set to 550Ω when VIN is 6.0V (TYP.) and VOUT is 4.0V
(TYP.). Moreover, discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output
capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor value (CL) as τ
(τ=C x R), the output voltage after discharge via the N channel transistor is calculated by the following formulas.
V = VOUT x e
–t/τ, or t=τIn ( V / VOUT )
V : Output voltage after discharge, VOUT(E) : Output voltage, t: Discharge time,
τ: CL auto-discharge resistance R×Output capacitor (CL) value C
CL high-speed discharge function can be set by each regulator.
<Current Limiter, Short-Circuit Protection>
The XC6416 series includes a fold-back circuit, which aid the operations of the current limiter and circuit protection. When
the load current reaches the current limit level, the fold-back circuit operates and output voltage drops. As a result of this drop
in output voltage, output current also decreases. When the output pin is shorted, a current of about 20mA (TYP.) flows.
<EN Pin>
The IC's internal circuitry can be shutdown via the signal from the EN pin with the XC6416 series. In shutdown mode,
output at the VOUT pin will be pulled down to the VSS level via Rx1 & Rx2. However, as for the XC6416B/D/F/H series, the
CL auto-discharge resistor is connected in parallel to Rx1 and Rx2 while the power supply is applied to the VIN pin.
Therefore, time until the VOUT pin reaches the VSS level becomes short. The output voltage becomes unstable, when the
EN pin is open. If this IC is used with the correct output voltage for the EN pin, the logic is fixed and the IC will operate
normally. However, supply current may increase as a result of through current in the IC's internal circuitry when medium
voltage is input.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
■NOTES ON USE
■OPERATIONAL DESCRIPTION (Continued)


Similar Part No. - XC6416FG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6411 TOREX-XC6411 Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001EL TOREX-XC6411P001EL Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ER TOREX-XC6411P001ER Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001ML TOREX-XC6411P001ML Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
XC6411P001MR TOREX-XC6411P001MR Datasheet
697Kb / 28P
   0.8uA Low Power Consumption Dual Voltage Regulator
More results

Similar Description - XC6416FG24ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220 TOREX-XC6220 Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com