Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U208B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U208B
Description  Open Loop Phase Control Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U208B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U208B Datasheet HTML 1Page - TEMIC Semiconductors U208B Datasheet HTML 2Page - TEMIC Semiconductors U208B Datasheet HTML 3Page - TEMIC Semiconductors U208B Datasheet HTML 4Page - TEMIC Semiconductors U208B Datasheet HTML 5Page - TEMIC Semiconductors U208B Datasheet HTML 6Page - TEMIC Semiconductors U208B Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U208B
TELEFUNKEN Semiconductors
Rev. A1, 28-May-96
5 (7)
0
0.2
0.4
0.6
0.8
0
80
120
160
200
240
Rö ( MW )
1.0
95 10302
10nF
4.7nF
Phase Control
Reference Point Pin 2
2.2nF
C /t=1.5nF
ö
Figure 4.
03
6
9
12
0
1
2
3
4
6
Itot ( mA )
15
95 10317
Mains Supply
5
Figure 5.
Design Calculations for Mains Supply
The following equations can be used for evaluating the
series resistor R1 for worst case conditions:
R
1max
+ 0.85
V
Mmin –VSmax
2Itot
R
1min
+
V
Mmax –VMmin
2I
Smax
P(
R1max)
+
(V
Mmax –VSmin)
2
2R
1
where:
VM = Mains voltage
VS = Supply voltage on Pin 4
Itot = Total DC current requirement of the circuit
=IS + Ip + Ix
IS
= Current requirement of the IC in mA
Ip
= Average current requirement of the triggering
pulses
Ix
= Current requirement of other peripheral
components
R1 can be easily evaluated from figures 6 and 8
010
20
30
R1 ( kW )
40
95 10316
Mains Supply
0
1
2
3
4
6
5
Figure 6.
0
200
400
600
800
0
20
40
60
80
100
RGT ( W )
1000
95 10313
Pulse Output
VGT = 0.8V
1.4V
Figure 7.
04
8
12
0
10
20
30
40
50
Itot ( mA )
16
95 10315
Mains Supply
Figure 8.


Similar Part No. - U208B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U208B ETC1-U208B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - U208B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
NTE Electronics
NTE1786 NTE-NTE1786 Datasheet
39Kb / 5P
   Integrated Circuit Frequency Lock Loop (FLL) Tuning & Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
logo
NTE Electronics
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
   Open Loop Current Sensors
10/22
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com