Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U208 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U208
Description  Open Loop Phase Control Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U208 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U208 Datasheet HTML 1Page - TEMIC Semiconductors U208 Datasheet HTML 2Page - TEMIC Semiconductors U208 Datasheet HTML 3Page - TEMIC Semiconductors U208 Datasheet HTML 4Page - TEMIC Semiconductors U208 Datasheet HTML 5Page - TEMIC Semiconductors U208 Datasheet HTML 6Page - TEMIC Semiconductors U208 Datasheet HTML 7Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U208B
TELEFUNKEN Semiconductors
Rev. A1, 28-May-96
3 (7)
General Hints and Explanation of Terms
To ensure safe and trouble–free operation, the following
points should be taken into consideration when circuits
are being constructed or in the design of printed circuit
boards.
D The connecting lines from C2 to Pin 5 and Pin 1 should
be as short as possible, and the connection to Pin 1
should not carry any additional high current such as
e.g. the load current.
D When selecting C2, a low temperature coefficient is
desirable.
95 10716
V
VGT
VL
IL
p/2
p
3/2
p
2
p
tp
tpp = 4.5 tp
Mains
Supply
Trigger
Pulse
Load
Voltage
Load
Current
ö
F
Figure 3. Explanation of terms in phase relationship
Absolute Maximum Ratings
Reference point Pin 1, unless otherwise specified
Parameters
Symbol
Value
Unit
Current requirement
Pin 2
–IS
30
mA
q
t
≤ 10 ms
–is
100
Synchronisation current
Pin 8
Pin 7
t < 10
ms
Pin 8
t < 10
ms
Pin 7
IsyncI
IsyncV
"iI
"iV
5
5
35
35
mA
Phase control
Input voltage
Pin 6
Input current
Pin 6
Pin 4
–VI
"II
II
0 to 7
500
1
V
mA
mA
Power dissipation
Tamb = 45°C
Tamb = 80°C
Ptot
530
300
mW
Storage temperature range
Tstg
–40 to +125
°C
Junction temperature
Tj
125
°C
Ambient temperature range
Tamb
–10 to +100
°C


Similar Part No. - U208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U208 ETC2-U208 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U208 ETC2-U208 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Thinki Semiconductor Co...
U2080DG THINKISEMI-U2080DG Datasheet
349Kb / 2P
   20.0 Ampere Heatsink Doubler Polarity Ultra Fast Recovery Rectifiers
U2080G THINKISEMI-U2080G Datasheet
349Kb / 2P
   20.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
U2080GR THINKISEMI-U2080GR Datasheet
349Kb / 2P
   20.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - U208

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
NTE Electronics
NTE1786 NTE-NTE1786 Datasheet
39Kb / 5P
   Integrated Circuit Frequency Lock Loop (FLL) Tuning & Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
   CLOSED LOOP CONTROL
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
logo
NTE Electronics
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
   Open Loop Current Sensors
10/22
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com