Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H9XXX Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # H9XXX
Description  OUTLINE, 90 HYBRID 3dB DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

H9XXX Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  H9XXX Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
C B
A
F
E
A
C
B
1/2
F
D
D
OUTLINE A
OUTLINE B


Similar Description - H9XXX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABHC-N-1700-2200MHZ ABRACON-ABHC-N-1700-2200MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
ABHC-S-698-1000MHZ ABRACON-ABHC-S-698-1000MHZ Datasheet
4Mb / 3P
   3dB; 90? HYBRID COUPLER
12.04.15
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
   Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
   Hybrid Couplers 3 dB, 90
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
   Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
   Hybrid Couplers 3 dB, 90
10016-3 ANAREN-10016-3_14 Datasheet
159Kb / 4P
   Hybrid Couplers 3 dB, 90
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
10013-3 ANAREN-10013-3_14 Datasheet
176Kb / 4P
   Hybrid Couplers 3 dB, 90
10012-3 ANAREN-10012-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers 3 dB, 90
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com