Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1235 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1235
Description  Silicon PNP Epitaxial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1235 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1235 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial
2SA1235
Features
Small collector to emitter saturation voltage.
Excelent lineary DC forward current gain.
Super mini package for easy mounting.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-200
mA
Collector dissipation (Ta=25
)
PC
150
mW
Jumction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter breakdown voltage
V(BR)CEO IC = -100ìA , RBE =
-50
V
Collector cutoff current
ICBO
ICB = -50V , IE =0
-0.1
ìA
Emitter cutoff current
IEBO
VEB =-6V , IC =0
-0.1
ìA
DC current gain
hFE
VCE =-6V , IC = -1mA
150
800
Collector-emitter saturation voltage
VCE(sat) IC = -100mA , IB = -10mA
-0.3
V
Current gain bandwidth product
fT
VCE =-6V , IE = 10mA
200
MHz
Collector output capacitance
Cob
VCB =-6V , IE = 0 , f = 1MHz
4.0
pF
Noise figure
NF
VCB =-6V , IE = 0.3mA , f = 100Hz , RG
=10KÙ
20
dB
hFE Classification
Marking
ME
MF
MG
hFE
150
300
250
500
400
800


Similar Part No. - 2SA1235

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA1235 ISAHAYA-2SA1235 Datasheet
176Kb / 4P
   FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(mini type)
logo
Guangdong Kexin Industr...
2SA1235-E KEXIN-2SA1235-E Datasheet
1Mb / 3P
   PNP Transistors
2SA1235-F KEXIN-2SA1235-F Datasheet
1Mb / 3P
   PNP Transistors
2SA1235-G KEXIN-2SA1235-G Datasheet
1Mb / 3P
   PNP Transistors
logo
SHENZHEN YONGERJIA INDU...
2SA1235A WINNERJOIN-2SA1235A Datasheet
136Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - 2SA1235

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com