Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3665M-MFP Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U3665M-MFP
Description  Baseband Delay Line 64 us (Improved Version)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3665M-MFP Datasheet(HTML) 6 Page - TEMIC Semiconductors

  U3665M-MFP Datasheet HTML 1Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 2Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 3Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 4Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 5Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 6Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 7Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 8Page - TEMIC Semiconductors U3665M-MFP Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
U3665M
TELEFUNKEN Semiconductors
Rev. A1, 17-Jul-96
Preliminary Information
6 (9)
22 nF
47
mF
10
W
22 nF
47
mF
1 nF
1 nF
"(R–Y)
"(B–Y)
NC
1
9
2,4,6,7,8,13,15
5
3
10
16
14
11
12
Chroma
decoder
"(R–Y)
"(B–Y)
SC pulse
94 8848
Baseband delay line
10
W
+12 V
5V1
560
W
*)
*)
Figure 6. Typical application circuit
*)Depends on application (5 V - or 12 V SC pulse)
10 k
W
6.8 k
W
SC-impulse
12 V
5
SC in
Baseband
delay
line
95 10227
Figure 7. Application with 12 V SC-pulse
SC-impulse
5 V
5
SC in
95 10354
Baseband
delay
line
Figure 8. Application with 5 V SC-pulse


Similar Part No. - U3665M-MFP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
U3660M-B TEMIC-U3660M-B Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
U3661M-ADP TEMIC-U3661M-ADP Datasheet
138Kb / 9P
   Baseband Delay Line
U3661M-AFP TEMIC-U3661M-AFP Datasheet
138Kb / 9P
   Baseband Delay Line
More results

Similar Description - U3665M-MFP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3666M TEMIC-U3666M Datasheet
143Kb / 8P
   Baseband Delay Line 64 us (Improved Version of U3665M)
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
NXP Semiconductors
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
NXP Semiconductors
TDA4665 PHILIPS-TDA4665 Datasheet
114Kb / 12P
   Baseband delay line
1996 Dec 17
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com