Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4280BM-BFL Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U4280BM-BFL
Description  AM / FM - PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4280BM-BFL Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U4280BM-BFL Datasheet HTML 1Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 2Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 3Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 4Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 5Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 6Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 7Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 8Page - TEMIC Semiconductors U4280BM-BFL Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
U4280BM
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 10-Apr-97
1 (9)
AM / FM - PLL
Description
The U4280BM is an integrated circuit in BICMOS
technology for frequency synthesizer. It performs all the
functions of a PLL radio tuning system and is controlled
by I2C bus. The device is designed for all frequency
synthesizer applications of radio receivers, as well as
RDS (Radio Data System) applications.
Features
D Frequency range up to 150 MHz
D Pre-amplifier for AM and FM
D Fine tuning steps:
AM
y 1kHz
FM
y 2 kHz
D Two programmable 16-bit divider,
adjustable from 2 to 65535
D Reference oscillator up to 15 MHz
D 5 programmable switching outputs,
4 are open drain outputs up to 15 V
D Phase detector with separate outputs for AM and FM
D Controlled via I2C bus
Ordering Information
Extended Type Number
Package
Remarks
U4280BM-B
DIP20
U4280BM-BFL
SO20
Block Diagram
Shift register
Latch
Latch
I2C – BUS
interface
AM / FM–
switch
Preamplifier
N – Divider
Analog
outputs
Preamplifier
: 2
Lock
detector
Current
sources
Phase
detector
Latch
Status
R – Divider
Switching outputs
5
678
9
PRT
SWO1 SWO2 SWO3 AM/FM
14
13
16
17
15
PDFM
PDAM
PDFMO
PDAMO
LD
Oscillator
18
19
OSCOUT
2
3
4
SCL
SDA
AS
12
AMOSC
10
FMOSC
11
GND2
20
GND1
1
V
DD
13346
OSCIN
Figure 1. Block diagram


Similar Part No. - U4280BM-BFL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U428-003 TRIPPLITE-U428-003 Datasheet
168Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A (M/M), 3 ft.
U428-003-CRA TRIPPLITE-U428-003-CRA Datasheet
162Kb / 3P
   USB Type-C to USB Type-A Cable (M/M) - Right Angle, 3.1, 5 Gbps, Gen 1, 3 ft. - Thunderbolt 3
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
   USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
U428-006 TRIPPLITE-U428-006 Datasheet
163Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Cable, USB Type-C (USB-C) to USB Type-A M/M, Thunderbolt 3, 6-ft.
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
   USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
More results

Similar Description - U4280BM-BFL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
ATMEL Corporation
U4289BM ATMEL-U4289BM Datasheet
163Kb / 10P
   AM/FM PLL with 1 Switch
logo
NXP Semiconductors
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com