Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860C Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC860C
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC860C Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC860C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC860C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC859,BC860
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =-30 V, IE = 0
-1
-15
nA
ICBO
VCB =-30 V, IE =0, Tj = 150
-4
ìA
IEBO
VEB =-5V, IC = 0
-100
nA
BC859B,BC860B
220
475
BC859C,BC860C
420
800
IC =-10 mA; IB = -0.5 mA
-75
-300
mV
IC = -100 mA; IB = -5 mA;
-250
-650
mV
IC =-10 mA; IB = -0.5 mA
-700
mV
IC = -100 mA; IB = -5 mA;
-850
mV
IC =-2mA; VCE = -5 V
-600
-650
-750
mV
IC =-10 mA; VCE = -5 V
-820
mV
CC
VCB =-10 V; IE =Ie=0;f = 1MHz
4.5
pF
Ce
IC =Ic = 0; VEB = -500 mV; f = 1 MHz
10
fT
VCE =-5V; IC = -10 mA;f = 100 MHz
100
MHz
NF
IC = -200 µA; VCE =-5V;RS =2kÙ;
f = 1 kHz;B = 200 Hz
4dB
*1. VBEsat decreases by about -1.7 mV/K with increasing temperature.
*2. VBE decreases by about -2 mV/K with increasing temperature.
IC =-2mA; VCE =-5V
hFE
Emitter capacitance
VBE(sat)
VBE
Noise figure
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage *1
Base-emitter voltage *2
Transition frequency
Parameter
Collector-emitter saturation voltage
VCE(sat)
DC current gain
hFE Classification
TYPE
BC859B
BC859C
Marking
4B
4C
TYPE
BC860B
BC860C
Marking
4F
4G


Similar Part No. - BC860C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860C PHILIPS-BC860C Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
logo
Siemens Semiconductor G...
BC860C SIEMENS-BC860C Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC860C FAIRCHILD-BC860C Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Infineon Technologies A...
BC860C INFINEON-BC860C Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860C DIOTEC-BC860C Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC860C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com