Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4224B-CC Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # T4224B-CC
Description  Time Code Receiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

T4224B-CC Datasheet(HTML) 3 Page - TEMIC Semiconductors

  T4224B-CC Datasheet HTML 1Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 2Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 3Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 4Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 5Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 6Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 7Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 8Page - TEMIC Semiconductors T4224B-CC Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
U4224B
TELEFUNKEN Semiconductors
Rev. A3, 02-Apr-96
3 (17)
Q1A, Q1B
In order to achieve a high selectivity, a crystal is con-
nected between the pins Q1A and Q1B. It is used with the
serial resonance frequency of the time code transmitter
(e.g. 60 kHz WWVB, 77.5 kHz DCF or 40kHz JG2AS).
The equivalent parallel capacitor of the filter crystal is
internally compensated. The compensated value is about
0.7 pF. If the full sensitivity and selectivity is not needed,
the crystal filter can be substituted by a capacitor of 10 pF
for DCF and WWVB and 22 pF for JG2AS.
Q1A
Q1B
94 8382
GND
REC
Rectifier output and integrator input: The capacitor C1
between REC and INT is the lowpass filter of the rectifier
and at the same time a damping element of the gain
control.
REC
GND
94 8374
DEC
Decoder input: Senses the current through the integration
capacitor C2. The dynamic input resistance has a value of
about 420k
W and is low compared to the impedance of
C2.
DEC
GND
94 8376
SL
AGC hold mode: SL high (VSL = VCC) sets normal func-
tion, SL low (VSL = 0) disconnects the rectifier and holds
the voltage VINT at the integrator output and also the AGC
amplifier gain.
VCC
SL
94 8378
INT
Integrator output: The voltage VINT is the control voltage
for the AGC. The capacitor C2 between INT and DEC
defines the time constant of the integrator. The current
through the capacitor is the input signal of the decoder.
INT
GND
94 8375
FLA, FLB
Lowpass filter: A capacitor C3 connected between FLA
and FLB supresses higher frequencies at the trigger
circuit of the decoder.
FLB
FLB
94 8377


Similar Part No. - T4224B-CC

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T422006 E-SWITCH-T422006 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
ATMEL Corporation
T4223B-MC ATMEL-T4223B-MC Datasheet
138Kb / 18P
   Time-Code Receiver with A/D Converter
T4223B-MF ATMEL-T4223B-MF Datasheet
138Kb / 18P
   Time-Code Receiver with A/D Converter
More results

Similar Description - T4224B-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
   SMPTE Time Code Receiver/Generator
logo
OKI electronic componet...
ML6190B OKI-ML6190B Datasheet
108Kb / 11P
   Longwave Time Code RF Receiver LSI
ML6190A OKI-ML6190A Datasheet
109Kb / 11P
   Longwave Time Code RF Receiver LSI
logo
TEMIC Semiconductors
U4226B TEMIC-U4226B Datasheet
920Kb / 17P
   TIME-CODE RECEIVER WITH TC OUTPUT
logo
ATMEL Corporation
U4223B ATMEL-U4223B Datasheet
138Kb / 18P
   Time-Code Receiver with A/D Converter
logo
List of Unclassifed Man...
AK2124 ETC-AK2124 Datasheet
105Kb / 6P
   Receiver/Demodulator for time code signals transmitted by the transmitters
AK2127 ETC-AK2127 Datasheet
98Kb / 6P
   Receiver/ Demodulator for time code signals transmitted by the transmitter
logo
Sanyo Semicon Device
LA1654FN SANYO-LA1654FN Datasheet
99Kb / 4P
   Time Code Reception IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com