Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2402 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2402
Description  NPN Silicon Epitaxia
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2402 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2402 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2402 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB =50V, IE =0
100
nA
Emitter cutoff current
IEBO
VEB =6.0 V, IC =0
100
nA
hFE 1VCE =1.0 V, IC =1.0 A
80
hFE 2VCE =1.0 V, IC = 2.0 A
100
200
400
Base to emitter voltage *
VBE
VCE =1.0 V, IC = 0.1 A
600
650
700
mV
VCE(sat) 1 IC =3V, IB = 0.15 A
140
300
mV
VCE(sat) 2 IC =5V, IB = 0.25 A
230
500
mV
Base saturation voltage
VBE(sat) IC =3V, IB = 0.15 A
0.88
1.2
V
Gain bandwidth product
fT
VCE =10V, IE =-0.5A
170
MHz
Output capacitance
Cob
VCB =10V, IE = 0 , f = 1.0 MHz
60
pF
Turn-on time
ton
275
ns
Storage time
tstg
485
ns
Fall time
tf
45
ns
DC current gain *
Collector saturation voltage
IC =2.0 A, VCC=10V
IB1 =-IB2 =0.1 A
RL =500Ù
hFE Classification
Marking
EX
EY
EZ
hFE
100
200
160
320
200
400
2SD2402


Similar Part No. - 2SD2402

ManufacturerPart #DatasheetDescription
logo
NEC
2SD2402 NEC-2SD2402 Datasheet
103Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
logo
Renesas Technology Corp
2SD2402 RENESAS-2SD2402 Datasheet
236Kb / 8P
   Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SD2402-X KEXIN-2SD2402-X Datasheet
681Kb / 3P
   NPN Transistors
2SD2402-Y KEXIN-2SD2402-Y Datasheet
681Kb / 3P
   NPN Transistors
2SD2402-Z KEXIN-2SD2402-Z Datasheet
681Kb / 3P
   NPN Transistors
More results

Similar Description - 2SD2402

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4178 KEXIN-2SC4178 Datasheet
47Kb / 1P
   NPN Silicon Epitaxia
2SD780 KEXIN-2SD780 Datasheet
38Kb / 1P
   NPN Silicon Epitaxia
2SC3618 KEXIN-2SC3618 Datasheet
51Kb / 1P
   NPN Silicon Epitaxia
2SC3739 KEXIN-2SC3739 Datasheet
38Kb / 1P
   NPN Silicon Epitaxia
2SD2403 KEXIN-2SD2403 Datasheet
52Kb / 2P
   NPN Silicon Epitaxia
2SD2230 KEXIN-2SD2230 Datasheet
35Kb / 1P
   NPN Silicon Epitaxia
2SC4173 KEXIN-2SC4173 Datasheet
47Kb / 1P
   NPN Silicon Epitaxia
2SC3518-Z KEXIN-2SC3518-Z Datasheet
40Kb / 1P
   NPN Silicon Epitaxia
2SD1005 KEXIN-2SD1005 Datasheet
52Kb / 1P
   NPN Silicon Epitaxia
2SC4332-Z KEXIN-2SC4332-Z Datasheet
43Kb / 2P
   NPN Silicon Epitaxia
2SC3734 KEXIN-2SC3734 Datasheet
38Kb / 1P
   NPN Silicon Epitaxia
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com