Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV084-20 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # AV084-20
Description  CONTINUOUSLY VARIABLE ATTENUATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

AV084-20 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  AV084-20 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail
: atmemail@juno.com
Web: www.atmmicrowave.com
2
Service
Price
Delivery
CONTINUOUSLY VARIABLE ATTENUATORS
FREQUENCY FLAT MODELS
06 SERIES
VARIABLE ATTENUATORS
2.0-4.2
10
N/A
AV064-10
3.7-4.2
20
N/A
AV065-20
7.9-12.7
30
N/A
AV066-30
11.7-18.0
30
N/A
AV067-30
14.0-26.5
20
N/A
AV068-20
26.5-40
20
N/A
AV069-20
2.0-8.0
10
N/A
AV064F-10
4.0-12.4
20
N/A
AV065G-20
4.0-18.0
10
N/A
AV065H-10
6.0-18.0
30
N/A
AV066H-30
MULTIBAND MODELS
LEVEL ADJUST MODELS
FREQUENCY FLAT MODELS
Freq
Atten
Flatness
Model
(GHz)
Range (dB)
(+/- db)
No.
2.0-4.0
10
1.5
AF074-10
3.6-6.5
20
0.8
AF075C-20
3.6-4.3
20
0.5
AF07C1-20
5.8-6.5
20
0.5
AF07C2-20
5.85-14.5
20
0.5/B
AF07CK-20
4.0-8.0
10
2.0
AF075-10
7.2-8.4
20
1.0
AF075X-20
7.9-8.4
20
0.5
AF076X2-20
8.0-12.4
10
1.0
AF076-10
10.7-12.7
20
0.8
AF076X-20
10.7-14.5
20
1.5
AF076K-20
12.4-18.0
10
1.0
AF077-10
17.0-18.6
20
1.0
AF077J-20
8.0-18.0
20
1.5
AF076H-20
1.0-2.0
10
N/A
AV073-10
1.5-2.0
15
N/A
AV073-15
2.0-4.0
20
N/A
AV074-20
2.0-8.0
20
N/A
AV074F-20
3.6-4.3
30
N/A
AV07C1-30
4.0-8.0
30
N/A
AV075-30
4.0-12.4
30
N/A
AV075G-30
8.0-12.4
40
N/A
AV076-40
8.0-18.0
40
N/A
AV076H-40
LEVEL ADJUST MODELS
GENERAL SPECIFICATIONS FOR ALL UNITS
• RF CONN:
SMA female
• INS LOSS:
0.5dB max
• VSWR:
1.5 max
• RF POWER*:
5 W avg, 3 Kw peak
• ATTEN RGE:
Many other models to 60dB
*Higher Power Models Available - Contact Factory
FREQUENCY FLAT MODELS
Freq
Atten
Flatness
Model
(GHz)
Range (dB)
(+/- db)
No.
0.7-0.8
10
0.75
AF082L2-10
0.8-1.0
15
1.5
AF082L1-15
0.8-1.0
20
1.5
AF082L1-20
0.95-1.45
15
1.7
AF083L1-15
1.5-2.0
20
1.5
AF083L2-20
2.0-4.0
20
1.5
AF084-20
2.8-6.5
20
1.5
AF084F-20
3.4-4.2
20
1.0
AF085C3-20
3.6-6.5
30
1.2
AF085C-30
3.6-4.3
30
0.7
AF085C1-30
5.8-6.5
30
0.7
AF085C2-30
4.0-8.0
20
1.0
AF085-20
7.2-8.4
30
0.7
AF085X-30
8.0-12.4
20
1.0
AF086-20
10.7-12.7
30
1.0
AF086X-30
10.7-14.5
30
1.5
AF086K-30
12.4-18.0
20
1.0
AF087-20
0.7-1.0
10
N/A
AV082-10
0.8-1.6
15
N/A
AV083L-15
0.9-1.75
15
N/A
AV083-15B
1.0-2.0
20
N/A
AV083-20
2.0-4.2
20
N/A
AV084-20
4.0-8.0
30
N/A
AV085-30
7.9-12.7
30
N/A
AV086-30
11.7-18.0
30
N/A
AV087-30
0.9-8.0
20
N/A
AV083F-20
1.0-4.0
20
N/A
AV083E-20
1.0-8.0
30
N/A
AV083F-30
2.0-18.0
10
N/A
AV084H-10
4.0-18.0
20
N/A
AV085H-20
6.0-18.0
60
N/A
AV086H-60
MULTIBAND MODELS
LEVEL ADJUST MODELS
08 SERIES
Turns Counting Dial
Direct Reading (calibrated in dB)
Attenuator Drive Options
ATTENUATOR DRIVE OPTIONS
Our Standard is a Screw Driver Shaft with a Lock Nut
The Part Number begins with AV0 or AF0
For a Knob Control Option change the AV0
or the AF0 in the P/N to AV9 or AF9
Example: AF064-10 = AF964-10
For a Turns Counting Dial Option use AV8 or AF8
For a Direct Reading Tape Drive Option use
AF7 for Full Frequency Range Calibration or
AV7 for Single Frequency Calibration
(Specify Spot Frequency with Order)
For 28 Volt Motor Drive add -28 to the Model Number
Motor Drive
Freq
Atten
Flatness
Model
(GHz)
Range (dB)
(+/- db)
No.
2.0-4.0
10
1.5
AF064-10
3.6-6.5
10
0.8
AF065C-10
3.6-4.3
20
0.5
AF06C1-20
5.8-6.5
20
0.5
AF06C2-20
5.85-14.5
20
0.5/B
AF06CK-20
4.0-8.0
10
2.0
AF065-10
7.2-8.4
20
1.0
AF065X-20
8.0-12.4
10
1.0
AF066-10
10.7-12.7
20
0.8
AF066X-20
10.7-14.5
20
1.5
AF066K-20
13.0-14.5
30
0.5
AF067K-30
12.4-18.0
10
1.0
AF067-10
17.0-18.6
20
1.0
AF067J-20
8.0-18.0
20
1.8
AF066H-20
14.0-26.0
20
1.0
AF068-20
07 SERIES
VARIABLE ATTENUATORS
Knob Control


Similar Part No. - AV084-20

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AV08-XX ATM-AV08-XX Datasheet
56Kb / 1P
   OUTLINE, AV/AF08 ATTENUATOR, SMA STANDARD
AV08-XX-28 ATM-AV08-XX-28 Datasheet
72Kb / 1P
   OUTLINE, AV08 MOTOR DRIVEN ATTENUATOR
logo
Schneider Electric
AV080046AV8F2N SCHNEIDER-AV080046AV8F2N Datasheet
85Kb / 2P
   VarSet Automatic Standard - Lugs (6000s) 0800 kVar, 480 V - Top - NEMA 1
More results

Similar Description - AV084-20

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QCA1 QUALWAVE-QCA1 Datasheet
144Kb / 1P
   Continuously Variable Attenuators
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
logo
Merrimac Industries, In...
AR-1 MERRIMAC-AR-1 Datasheet
244Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
JDS Uniphase Corporatio...
VSA-0CNHC10NC JDSU-VSA-0CNHC10NC Datasheet
134Kb / 3P
   Variable Slope Attenuators
logo
BOWEI Integrated Circui...
HE892 BOWEI-HE892 Datasheet
71Kb / 1P
   Voltage Variable Attenuators
logo
CML Microcircuits
DB839 CMLMICRO-DB839 Datasheet
169Kb / 20P
   Two Variable Attenuators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com