Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT-GD2 Datasheet(PDF) 1 Page - Allen-Bradley

Part # MT-GD2
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

MT-GD2 Datasheet(HTML) 1 Page - Allen-Bradley

  MT-GD2 Datasheet HTML 1Page - Allen-Bradley MT-GD2 Datasheet HTML 2Page - Allen-Bradley MT-GD2 Datasheet HTML 3Page - Allen-Bradley MT-GD2 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-20
Interlock Switches
Tongue Switches
MT-GD2
Description
The MT-GD2 is a robust tongue actuated safety interlock switch
designed to fit at the opening edge of sliding, hinged or lift-off guards.
With its dual entry slots and rotatable head, the MT-GD2 can offer
eight different options for actuator entry.
The MT-GD2 features a compact housing of only 117mm x 40mm x
43mm with DIN 50041 standard fixing centres and includes forced
guided contacts and a tamper-resistant mechanism.
The MT-GD2 is available with a variety of contact configurations
enabling it to be used as part of a system for higher-risk applications.
The unit is sealed to IP67 and has 1 conduit entry. Operation of the
switch is achieved by the insertion of the specially profiled stainless
steel actuator which should be permanently fixed to the leading edge
of the guard door. An optional flexible actuator allows the MT-GD2
to operate on smaller radii doors (
≥60mm) and a flat actuator gives
additional mounting options.
A style incorporating a latch release mechanism allows manual
retention of the actuator in the switch until the release mechanism is
manually activated.
Features
• Strong and versatile, can be used in most applications
• Eight possible actuator entry points, easy to install
• Variety of contact configurations
• Optional latch release styles
• Industry standard fixing centres to DIN/EN50041
• Conforms to EN1088, EN292, EN60947-5-1, EN60204-1,
EN50041
Specifications
Note: The safety contacts of the Guardmaster switches are described as normally
closed (N.C.) i.e., with the guard closed, actuator in place (where relevant) and the
machine able to be started.
MT-GD2 Latch Release Style
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus and TUV Nord
Safety Contacts
2 N.C., 3 N.C., 4 N.C. direct opening
action
Utilization Rating
AC 15
Designation/Utilization Cat.
A600/AC-15 (Ue)
(Ie)
N600/DC-13 (Ue)
(Ie)
600V 500V 240V 120V
1.2A 1.4A 3A 6A
600V 500V 250V 125V
0.4A 0.55A 1.1A 2.2A
Thermal Current (lth)
10A
Min Current
5V, 5mA DC
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse Withstand Volt.
(Uimp) 2500V
Auxiliary Contacts
1 N.O. or 2 N.O.
Actuator Travel for Positive
Opening
6mm (0.24in)
Break Contact Min Force
12N (2.7lb)
Max Actuation Speed
1m/s
Max Actuation Frequency
2 cycle per sec
Case Material
Painted zinc
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
1/2in NPT or M20 or Quick Disconnect
Operating Temperature
-20°C to +80°C (-4°F to +176°F)
Fixing
4 x M5
Mounting
Any position
Mechanical Life
1,000,000 operations
Weight
520g (1.15lbs)
Colour
Red
Torque Settings
Fixing Bolts
Lid Screws
Terminal Screws
1.6Nm
16.Nm
1.0Nm


Similar Part No. - MT-GD2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2 Datasheet
87Kb / 2P
   Cree MT-G2 Series on Board
logo
Cree, Inc
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2_15 Datasheet
87Kb / 2P
   Cree EasyWhite color temp from 2700K to 5000K
More results

Similar Description - MT-GD2

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com