Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N32-X007 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 4N32-X007
Description  Optocoupler with Photodarlington Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N32-X007 Datasheet(HTML) 3 Page - Vishay Siliconix

  4N32-X007 Datasheet HTML 1Page - Vishay Siliconix 4N32-X007 Datasheet HTML 2Page - Vishay Siliconix 4N32-X007 Datasheet HTML 3Page - Vishay Siliconix 4N32-X007 Datasheet HTML 4Page - Vishay Siliconix 4N32-X007 Datasheet HTML 5Page - Vishay Siliconix 4N32-X007 Datasheet HTML 6Page - Vishay Siliconix 4N32-X007 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4N32/ 4N33
Document Number 83736
Rev. 1.4, 26-Jan-05
Vishay Semiconductors
www.vishay.com
3
Output
1) Indicates JEDEC registered values
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage1)
IC = 100 µA, IF = 0
BVCEO
30
V
Collector-base breakdown
voltage1)
IC = 100 µA, IF = 0
BVCBO
50
V
Emitter-base breakdown
voltage1)
IC = 100 µA, IF = 0
BVEBO
8.0
V
Emitter-collector breakdown
voltage1)
IC = 100 µA, IF = 0
BVECO
5.0
10
V
Collector-emitter leakage
current
VCE = 10 V, IF = 0
ICEO
1.0
100
nA
IC = 0.5 mA, VCE = 5.0 V
hFE
13
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Colector emitter saturation
voltage
VCEsat
1.0
V
Coupling capacitance
1.5
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Current Transfer Ratio
VCE = 10 V, IF = 10 mA,
CTR
500
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn on time
VCC = 10 V, IC = 50 mA
ton
5.0
µs
Turn off time
IF = 200 mA, RL = 180 Ω
toff
100
µs
Figure 1. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
i4n32-33_02
.1
1
10
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Vce =1V
Vce=5V
IF - LED Current - mA
Vce=5V
IF =10mA
Ta = 25°C
Normalized to:
Figure 2. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
i4n32-33_03
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=5V
IF - LED Current - mA
Ta = 25°C
IF = 10 mA
Vce=5V
Normalized to:
10


Similar Part No. - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N32-X007 VISHAY-4N32-X007 Datasheet
124Kb / 8P
   Optocoupler, Photodarlington Output, High Gain, with Base Connection
Rev. 1.0, 11-Mar-08
4N32-X007T VISHAY-4N32-X007T Datasheet
125Kb / 6P
   Optocoupler, Photodarlington Output, High Gain With Base Connection
Rev. 1.2, 15-Feb-11
More results

Similar Description - 4N32-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
K815P VISHAY-K815P Datasheet
172Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 29-Jun-99
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com