Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCX1151A Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FCX1151A
Description  PNP Silicon Power Switching Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FCX1151A Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FCX1151A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FCX1151A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO IC=-100ìA
-45
V
Collector-emitter breakdown voltage *
V(BR)CEO IC=-10mA
-40
V
Emitter-base breakdown voltage
V(BR)EBO IE=-100ìA
-5
V
Collector cut-off current
ICBO
VCB=-36V
-0.3
-100
nA
Collector Emitter Cut-Off Current
ICES
VCE=-32V
-0.3
-100
nA
Emitter Cut-Off Current
IEBO
VEB=-4V
-0.3
-100
nA
Collector-emitter saturation voltage *
VCE(sat)
IC=-0.1A, IB=-1mA
IC=-0.5A, IB=-5mA
IC=-1A, IB=-20mA
IC=-3A, IB=-250mA
-60
-120
-140
-200
-90
-180
-220
-300
mV
Base-emitter saturation voltage *
VBE(sat) IC=-3A, IB=-250mA
-985
-1050
mV
Base-emitter ON voltage *
VBE(on)
IC=-3A, VCE=-2V
-850
-950
mV
Static Forward Current Transfer Ratio *
hFE
IC=-10mA,VCE=-2V
IC=-0.5A,VCE=-2V
IC=-2A,VCE=-2V
IC=-3A,VCE=-2V
IC=-5A,VCE=-2V
270
250
180
100
450
400
300
190
45
800
Transitional frequency
fT
IC=-50mA, VCE=-10V, f=50MHz
145
MHz
Output capacitance
Cobo
VCB=-10V, f=1MHz
40
pF
Turn-on time
t(on)
IC=-2A, VCC=-30V
170
ns
Turn-off time
t(off)
IB1=IB2=-20mA
460
ns
* Pulse test: tp = 300 ìs; d
0.02.
Marking
Marking
151
FCX1151A


Similar Part No. - FCX1151A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1151A ZETEX-FCX1151A Datasheet
49Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1151A DIODES-FCX1151A Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
List of Unclassifed Man...
FCX1151A ETC2-FCX1151A Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX1151A DIODES-FCX1151A Datasheet
715Kb / 8P
   PNP POWER TRANSISTOR
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
   SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
More results

Similar Description - FCX1151A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX717 KEXIN-FCX717 Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
   PNP Silicon Power Switching Transistor
FCX1147A KEXIN-FCX1147A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT720 ZETEX-ZUMT720 Datasheet
131Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
FCX790A ZETEX-FCX790A Datasheet
78Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR?
logo
Guangdong Kexin Industr...
FCX1149A KEXIN-FCX1149A Datasheet
52Kb / 2P
   PNP Silicon Power Switching Transistor
logo
Zetex Semiconductors
FCX1149A ZETEX-FCX1149A Datasheet
108Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
   PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Continental Device Indi...
2N3868 CDIL-2N3868 Datasheet
156Kb / 4P
   PNP SILICON POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com