Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT749 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FZT749
Description  NPN Silicon Planar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT749 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT749 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT749 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Breakdown Voltages
V(BR)CBO IC=-100ìA
-35
V
Breakdown Voltages
V(BR)CEO IC=-10mA
-25
V
Breakdown Voltages
V(BR)EBO IE=-100ìA
-5
V
Collector Cut-Off Currents
ICBO
VCB=-30V
VCB=-30V,Ta = 100
-0.1
-10
ìA
Collector Cut-Off Currents
IEBO
VEB=4V
-0.1
ìA
Saturation Voltages *
VCE(sat)
IC=-1A, IB=-100mA
IC=-3A, IB=-300mA
-0.12
-0.40
-0.3
-0.6
V
Saturation Voltages *
VBE(sat) IC=-1A, IB=-100mA
-0.9
-1.25
V
Base-emitter ON voltage *
VBE(on)IC=-1A, VCE=-2V
-0.8
-1.0
V
IC=-50mA, VCE=-2V*
70
200
IC=-1A, VCE=-2V*
100
200
300
IC=-2A, VCE=-2V*
75
150
IC=-6A, VCE=-2V*
15
50
Transitional frequency
fT
IC=-100mA, VCE=-5V, f=100MHz
100
160
MHz
Output capacitance
Cobo
VCB=-10V, f=1MHz
55
100
pF
Turn-on time
t(on)
IC=-500mA, VCC=-10V
40
ns
Turn-off time
t(off)
IB1=IB2=-50mA
450
ns
* Pulse test: tp = 300 ìs; d
0.02.
Static Forward Current Transfer Ratio
hFE
FZT749
Marking
Marking
FZT749


Similar Part No. - FZT749

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT749 ZETEX-FZT749 Datasheet
87Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FZT749 FAIRCHILD-FZT749 Datasheet
27Kb / 2P
   PNP Low Saturation Transistor
logo
Diodes Incorporated
FZT749 DIODES-FZT749 Datasheet
99Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FZT749 FAIRCHILD-FZT749 Datasheet
628Kb / 1P
   FAIRCHILD Small Signal Transistors
logo
Guangdong Kexin Industr...
FZT749 KEXIN-FZT749_15 Datasheet
1,019Kb / 3P
   PNP Transistors
More results

Similar Description - FZT749

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT449 ZETEX-FXT449 Datasheet
30Kb / 1P
   NPN SILICON PLANAR
logo
Hitachi Semiconductor
2SC4628 HITACHI-2SC4628 Datasheet
29Kb / 6P
   Silicon NPN Planar
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
logo
Panasonic Semiconductor
2SC2845 PANASONIC-2SC2845 Datasheet
192Kb / 6P
   SILICON NPN EPITAXIAL PLANAR
2SC2519 PANASONIC-2SC2519 Datasheet
233Kb / 6P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com