Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KI5402DC Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI5402DC
Description  N-Channel 30-V (D-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI5402DC Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI5402DC Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI5402DC Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = 250 ìA
1.0
V
Gate-Body Leakage
IGSS
VDS =0V, VGS =
20 V
100
nA
VDS =24V, VGS =0V
1
A
VDS =24V, VGS =0V, TJ =55
5
A
On-State Drain Current*
ID(on)
VDS
5V, VGS =10V
20
A
VGS =10V, ID = 4.9 A
0.030
0.035
VGS =4.5 V, ID = 3.9 A
0.045
0.055
Forward Transconductance*
gfs
VDS =10V, ID =4.9 A
15
S
Schottky Diode Forward Voltage*
VSD
IS =1.1 A, VGS =0V
0.8
1.2
V
Total Gate Charge
Qg
13
20
nC
Gate-Source Charge
Qgs
VDS =15V, VGS =10V, ID = 4.9 A
1.3
nC
Gate-Drain Charge
Qgd
3.1
nC
Turn-On Delay Time
td(on)
10
15
ns
Rise Time
tr
VDD =15V, RL = 15 Ù
10
15
ns
Turn-Off Delay Time
td(off)
ID =1A, VGEN =10V, RG =6
25
40
ns
Fall Time
tf
10
15
ns
Source-Drain Reverse Recovery Time
trr
IF = 1.1 A, di/dt = 100 A/
s
30
60
ns
* Pulse test; pulse width
300
s, duty cycle
2%.
IDSS
Zero Gate Voltage Drain Current
rDS(on)
Drain-Source On-State Resistance*
KI5402DC


Similar Part No. - KI5402DC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
More results

Similar Description - KI5402DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com