Selected language     English  ā–¼


KTD2005 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. KTD2005
Description  Ultrahigh-Speed Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
TSSOP-8
Unit: mm
Ultrahigh-Speed Switching Applications
KTD2005
Features
Low ON resistance.
2.5V drive.
Mounting height 1.1mm.
Composite type, facilitating high-density mounting.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
10
V
Drain Current(DC)
ID
1A
Drain Current(pulse) *1
IDP
4A
Allowable Power Dissipation *2
PD
0.8
W
Total Dissipation *2
PT
1.0
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55 to +150
*1 PW
10
s, duty cycle
1%
*2 Mounted on a ceramic board (1000mm
2X0.8mm)
1: Drain1
2 : Source1
3 : Source1
4: Gate1
5: Gate2
6 : Source2
7 : Source2
8: Drain2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3LN01NUltrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3317Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK1421_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
MCH3319Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ628Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ232_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
KTS2004Ultrahigh-Speed Switching Applications 1 2 Guangdong Kexin Industrial Co.,Ltd
2SK1464_99Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ256_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl