Selected language     English  ā–¼


KTD2005 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. KTD2005
Description  Ultrahigh-Speed Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-to Source Breakdown Voltage
V(BR)DSS ID=1mA, VGS=0
20
V
Zero Gate Voltage Drain Current
IDSS
VDS =20V, VGS =0V
10
A
Gate-to-Source Leakage Current
IGSS
VGS =
8V, VDS =0V
10
A
Cutoff Voltage
VGS(off)
VDS =10V, ID =1mA
0.4
1.3
V
Forward Transfer Admittance
Yfs
VDS =10V, ID =1A
1.8
2.6
S
RDS(on)1 VGS =10V, ID = 1A
200
260
RDS(on)2 VGS =4V, ID = 1A
260
360
Input Capacitance
Ciss
90
pF
Output Capacitance
Coss
60
pF
Reverse Transfer Capacitance
Crss
28
pF
Turn-on Delay Time
td(on)
10
ns
Rise Time
tr
See Specified Test Circuit
22
ns
Turn-off Delay Time
td(off)
20
ns
Fall Time
tf
19
ns
Total Gate Charge
Qg
6
nC
Gate-to-Source Charge
Qgs
1
nC
Gate-to-Drain "Miller" Charge
Qgd
2
nC
Diode Forward Voltage
VSD
IS=1A, VGS =0V
1.0
1.2
V
VDS =10 V,f = 1 MHz
m
Drain to Source On-state Resistance
VDS=10V,VGS=10V,ID=1A
KTD2005
Switching Time Test Circuit




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3LN01NUltrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3317Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK1421_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
MCH3319Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ628Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ232_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
KTS2004Ultrahigh-Speed Switching Applications 1 2 Guangdong Kexin Industrial Co.,Ltd
2SK1464_99Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SJ256_1Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl