Selected language     English  â–¼


KTD2017 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. KTD2017
Description  N-Channel Silicon MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
TSSOP-8
Unit: mm
1: Drain1
2 : Source1
3 : Source1
4: Gate1
5: Gate2
6 : Source2
7 : Source2
8: Drain2
N-Channel Silicon MOSFET
KTD2017
Features
Low ON resistance.
2.5V drive.
Mounting height 1.1mm
Composite type, facilitating high-density mounting.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGSS
10
V
Drain Current(DC)
ID
5A
Drain Current (pulse)
(PW
10ìs)
IDP
20
A
Allowable Power Dissipation
PD
0.8
W
Total Dissipation
PT
1.3
W
Channel Temperature
Tch
150
Storage Temperature
Tstg
-55 to +150




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3646-01LN-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
2SK4171N-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 5 Sanyo Semicon Device
EMH2412N-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
ECH8664RN-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
2SK4199LSN-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 5 Sanyo Semicon Device
3LN04SN-Channel Silicon MOSFET General-Purpose Switching Device Applications 1 2 3 4 Sanyo Semicon Device
2SK3099LSN-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 Sanyo Semicon Device
ECH8411N-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
2SK2618ALSN-Channel Silicon MOSFET General-Purpose Switching Device 1 2 3 4 Sanyo Semicon Device
CPH5863MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl