Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34-310B-6-1-1-1-1 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # 34-310B-6-1-1-1-1
Description  BROADWALL DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

34-310B-6-1-1-1-1 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  34-310B-6-1-1-1-1 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail: atmemail@juno.com
Web: www.atmmicrowave.com
9
For a wide variety of
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Ideal for High Power Combiner/Divider
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
Electrical Specifications:
VSWR (MAX.) PRIMARY: 1.05 (1.10 for WR42, WR28)
SECONDARY: 1.10 (1.15 for WR42, WR28)
NOM. COUPLING(dB): ± .50 (± .75 for WR42, WR28)
FREQ. SENS. (dB): ± .6 (± .75 for WR42, WR28)
DIRECTIVITY (dB): 40 typical, 30 min.
BROADWALL DIRECTIONAL COUPLERS
Basic Model #:
Material: A=Alum, B=Brass, C=Copper, D=Special
Coupling (dB): 3, 6, 10, 20, 30, 40
Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special
Flange 2: See above
Flange 3: See above
Flange 4: See above
Ordering Information: Typical Part #:
137-310B -10-1-1-1-1
Basic
WG Size
Freq
Dimension
Dimension
Dimension
Model No.
(GHz)
A (inches)
B (inches)
C (inches)
650-310
WR650
1.12 - 1.70
37
8.00
29.0
430-310
WR430
1.70 - 2.60
35
6.00
27.0
284-310
WR284
2.60 - 3.95
31
6.00
24.0
229-310
WR229
3.30 - 4.90
28
5.00
21.0
187-310
WR187
3.95 - 5.85
25
4.00
19.0
159-310
WR159
4.90 - 7.05
23
3.00
17.5
137-310
WR137
5.95 - 8.20
20
3.00
15.5
112-310
WR112
7.05 - 10.0
18
2.50
14.0
90-310
WR90
8.20 - 12.4
17
2.00
13.5
75-310
WR75
10.0 - 15.0
15
1.50
12.0
62-310
WR62
12.4 - 18.0
13
1.25
10.5
51-310
WR51
10.0 - 15.0
12
1.25
9.50
42-310
WR42
18.0 - 26.5
11
1.25
8.50
34-310
WR62
22.0 - 33.0
9
1.00
8.50
28-310
WR28
26.5 - 40.0
10
1.00
8.00
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Ideal for High Power Sensing
• Finish is a unique corrosion-resistant 316
stainless steel epoxy coating
Electrical Specifications:
VSWR: 1.1 max.
NOM. COUPLING: +/- 1.00 dB
FREQ. SENS.: +/- 1.00 dB max.
DIRECTIVITY: 15 dB min.
Basic Model #: SMA F=307, N Type F=308
Material: A=Alum, B=Brass, C=Copper, D=Special
Coupling (dB): 30, 40, 50, 60 (Std.) others available
Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special
Flange 2: See above
Ordering Information:
Typical Part #: 75-307B -30-6-6
Basic Model
Basic Model
WG Size
Freq
Dim. A
Dim. B
Dim. C
No. (SMA F) No. (N Type F)
(GHz)
(inches)
(inches) (inches)
430-307
430-308
WR430
1.70 - 2.60
4.5
1.0
1.63
284-307
284-308
WR284
2.60 - 3.95
4.5
1.0
1.63
229-307
229-308
WR229
3.30 - 4.90
4.0
1.0
1.38
187-307
187-308
WR187
3.95 - 5.85
3.5
1.0
1.13
159-307
159-308
WR159
4.90 - 7.05
3.5
1.0
0.88
137-307
137-308
WR137
5.95 - 8.20
3.0
1.0
0.88
112-307
112-308
WR112
7.05 - 10.0
3.0
1.0
0.88
90-307
90-308
WR90
8.20 - 12.4
3.0
1.0
0.88
75-307
75-308
WR75
10.0 - 15.0
3.0
1.0
0.88
62-307
62-308
WR62
12.4 - 18.0
3.0
1.0
0.88
51-307
WR51
15.0 - 22.0
3.0
1.0
0.88
42-307
WR42
18.0 - 26.5
2.5
1.0
0.63
34-307
WR34
22.0 - 33.0
2.5
1.0
0.63
28-307
WR28
26.5 - 40.0
2.5
1.0
0.63
LOOP COUPLERS
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
Electrical Specifications:
VSWR (MAX.) PRIMARY: 1.05 (1.10 for WR42, WR28)
SECONDARY: 1.10 (1.15 for WR42, WR28)
NOM. COUPLING(dB): ± .50 (± .75 for WR42, WR28)
FREQ. SENS. (dB): ± .6 (± .75 for WR42, WR28)
DIRECTIVITY (dB): 40 typical, 30 min.
BROADWALL DIRECTIONAL COUPLERS
Basic Model #: 304 or 305 or 306
Material: A=Alum, B=Brass, C=Copper, D=Special
Coupling (dB): 3, 6, 10, 20, 30, 40
Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8= SPECIAL
Flange 2: See above
Flange 3: See above
Ordering Information:
Typical Part #:
Description:
• Full waveguide frequency range
• Units pressure tested to 30 psi
• Ideal for High Power Combiner/Divider
• Finish is a unique corrosion-resistant
316 stainless steel epoxy coating
Electrical Specifications:
VSWR
PRIMAR Y: 1.05 max.
COAX SECONDARY: 1.25 max.
NOM. COUPLING: ± 0.50 dB
FREQ. SENS.: ± 1.00 dB max.
DIRECTIVITY: 20 dB min.
CROSSGUIDE DIRECTIONAL COUPLERS
Basic Model #:
Material: A=Alum, B=Brass, C=Copper, D=Special
Coupling (dB): 30, 40, 50
Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special
Flange 2: See above
Flange 3: See above
Flange 4: See above
Ordering Information:
Typical Part #: 137-300B -30-1-1-1-1
Basic
WG Size
Freq
Dim A
Dim. B
Dim. C
Model No.
(GHz)
(inches)
(inches)
(inches)
430-Type # WR430
1.70 - 2.60
7.50
5.00
8.00
284-Type # WR284
2.60 - 3.95
7.50
3.75
5.00
229-Type #
WR229
3.30 - 4.90
7.00
3.50
4.75
187-Type # WR187
3.95 - 5.85
6.50
3.25
4.50
159-Type # WR159
4.90 - 7.05
6.00
3.00
4.00
137-Type # WR137
5.95 - 8.20
6.00
3.00
4.00
112-Type # WR112
7.05 - 10.0
4.20
2.10
3.00
90-Type #
WR90
8.20 - 12.4
4.00
2.00
2.75
75-Type #
WR75
10.0 - 15.0
3.75
1.87
2.50
62-Type #
WR62
12.4 - 18.0
3.50
1.75
2.37
51-Type #
WR51
15.0 - 22.0
3.10
1.50
2.25
42-Type #
WR42
18.0 - 26.5
2.20
1.10
1.50
34-Type #
WR34
22.0 - 33.0
2.20
1.10
1.50
28-Type #
WR28
26.5 - 40.0
2.00
1.00
1.50
• Ideal for High Power Combiner/Divider
• Finish is a unique corrosion-resistant 316
stainless steel epoxy coating
A
C
B
Flg 4
Flg 2
Flg 1
Flg 3
137-304B -10-1-1-1
Basic
WG Size
FreqDimensionDimensionDimension
Model No.
(GHz)
A (inches)
B (inches)
C (inches)
650-Type #
WR650
1.12 - 1.70
430-Type #
WR430
1.70 - 2.60
284-Type #
WR284
2.60 - 3.95
50.25
9.18
2.66
229-Type #
WR229
3.30 - 4.90
42.00
6.81
1.00
187-Type #
WR187
3.95 - 5.85
34.62
6.44
1.81
159-Type #
WR159
4.90 - 7.05
32.50
5.25
0.88
137-Type #
WR137
5.95 - 8.20
26.50
3.06
1.56
112-Type #
WR112
7.05 - 10.0
18.62
3.06
0.94
90-Type #
WR90
8.20 - 12.4
16.68
1.94
0.81
75-Type #
WR75
10.0 - 15.0
15.00
2.50
1.25
62-Type #
WR62
12.4 - 18.0
13.75
2.18
0.66
51-Type #
WR51
15.0 - 22.0
11.50
1.25
0.66
42-Type #
WR42
18.0 - 26.5
9.50
1.25
0.75
34-Type #
WR34
22.0 - 33.0
9.00
1.25
0.75
28-Type #
WR28
26.5 - 40.0
8.00
1.12
0.75
Type #’s:
300 = 4WG Ports
301 = 3WG Ports
302 = 2WG Ports,
1 Type N (F) Coax Port
303 = 2WG Ports
1 SMA (F) Coax Port
Short slot hybrid configuration
Symmetrical 4 port device
90 degree phase shift
Flange Code: 2=CPRG; 6=Cover; 7=Choke
WAVEGUIDE COMBINER-DIVIDER
Type # :304 (WG)
Type # :305 (SMA), 306 (N Type)
WG Size
Freq
VSWR
Isolation
Model
WR
(GHz)
Max
Min. dB
No.
159
5.80-6.50
1.15
26
159-410-2-2-2-2
137
5.80-6.50
1.15
26
137-410-2-2-2-2
112
7.90-9.00
1.15
26
112-410-6-6-6-6
75
13.0-15.0
1.15
26
75-410-2-2-2-2
62
13.5-15.6
1.15
26
62-410-6-6-6-6


Similar Part No. - 34-310B-6-1-1-1-1

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
34-340-LPI BEL-34-340-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
More results

Similar Description - 34-310B-6-1-1-1-1

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
List of Unclassifed Man...
S25B880N3 ETC1-S25B880N3 Datasheet
623Kb / 2P
   Directional Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com