Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRF7703 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KRF7703
Description  HEXFET Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KRF7703 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KRF7703 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KRF7703 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
IC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID = -250
A
-40
V
Breakdown Voltage Temp. Coefficient
V(BR)DSS
/
TJ ID = -1mA,Reference to 25
0.030
V/
VGS = -10V, ID = -6.0A*1
28
VGS =-4.5V, ID = -4.8A*1
45
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = -250
A
-1.0
-3.0
V
Forward Transconductance
gfs
VDS = -10V, ID = -6.0A*1
10
S
VDS = -32V, VGS =0V
-15
VDS = -32V, VGS =0V, TJ =70
-25
Gate-to-Source Forward Leakage
VGS = -20V
-100
Gate-to-Source Reverse Leakage
VGS = 20V
100
Total Gate Charge
Qg
ID = -6.0A
41
62
Gate-to-Source Charge
Qgs
VDS = -20V
16
25
Gate-to-Drain ("Miller") Charge
Qgd
VGS = -10V
16
24
Turn-On Delay Time
td(on)
VDD = -20V,VGS=-10V
43
Rise Time
tr
ID = -1.0A
405
Turn-Off Delay Time
td(off)
RG =6
155
Fall Time
tf
77
Input Capacitance
Ciss
VGS = 0V
5220
Output Capacitance
Coss
VDS = -25V
416
Reverse Transfer Capacitance
Crss
f = 1.0MHz
337
Continuous Source Current
Body Diode)
IS
-1.5
Pulsed Source Current
Body Diode) *2
ISM
-24
Diode Forward Voltage
VSD
TJ =25
,IS =-1.5A, VGS =0V*1
-1.2
V
Reverse Recovery Time
trr
TJ =25
,IF =-1.5A
34
51
ns
Reverse RecoveryCharge
Qrr
di/dt = -100A/
s*1
56
84
C
*1 Pulse width
400
s; duty cycle
2%.
*2 Repetitive rating; pulse width limited by max. junction temperature.
RDS(on)
Static Drain-to-Source On-Resistance
m
pF
IDSS
ns
Drain-to-Source Leakage Current
A
A
IGSS
nA
nC
KRF7703


Similar Part No. - KRF7703

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KRF7706 KEXIN-KRF7706 Datasheet
65Kb / 2P
   HEXFET Power MOSFET
More results

Similar Description - KRF7703

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com