Electronic Components Datasheet Search |
|
34-310B-1040-2-1-1-1 Datasheet(PDF) 1 Page - Advanced Technical Materials Inc. |
|
34-310B-1040-2-1-1-1 Datasheet(HTML) 1 Page - Advanced Technical Materials Inc. |
|
1 / 1 page 49 Rider Ave, Patchogue, NY 11772 Phone: 631-289-0363 Fax: 631-289-0358 E-mail: atmemail@juno.com Web: www.atmmicrowave.com 9 For a wide variety of Description: • Full waveguide frequency range • Units pressure tested to 30 psi • Ideal for High Power Combiner/Divider • Finish is a unique corrosion-resistant 316 stainless steel epoxy coating Electrical Specifications: VSWR (MAX.) PRIMARY: 1.05 (1.10 for WR42, WR28) SECONDARY: 1.10 (1.15 for WR42, WR28) NOM. COUPLING(dB): ± .50 (± .75 for WR42, WR28) FREQ. SENS. (dB): ± .6 (± .75 for WR42, WR28) DIRECTIVITY (dB): 40 typical, 30 min. BROADWALL DIRECTIONAL COUPLERS Basic Model #: Material: A=Alum, B=Brass, C=Copper, D=Special Coupling (dB): 3, 6, 10, 20, 30, 40 Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special Flange 2: See above Flange 3: See above Flange 4: See above Ordering Information: Typical Part #: 137-310B -10-1-1-1-1 Basic WG Size Freq Dimension Dimension Dimension Model No. (GHz) A (inches) B (inches) C (inches) 650-310 WR650 1.12 - 1.70 37 8.00 29.0 430-310 WR430 1.70 - 2.60 35 6.00 27.0 284-310 WR284 2.60 - 3.95 31 6.00 24.0 229-310 WR229 3.30 - 4.90 28 5.00 21.0 187-310 WR187 3.95 - 5.85 25 4.00 19.0 159-310 WR159 4.90 - 7.05 23 3.00 17.5 137-310 WR137 5.95 - 8.20 20 3.00 15.5 112-310 WR112 7.05 - 10.0 18 2.50 14.0 90-310 WR90 8.20 - 12.4 17 2.00 13.5 75-310 WR75 10.0 - 15.0 15 1.50 12.0 62-310 WR62 12.4 - 18.0 13 1.25 10.5 51-310 WR51 10.0 - 15.0 12 1.25 9.50 42-310 WR42 18.0 - 26.5 11 1.25 8.50 34-310 WR62 22.0 - 33.0 9 1.00 8.50 28-310 WR28 26.5 - 40.0 10 1.00 8.00 Description: • Full waveguide frequency range • Units pressure tested to 30 psi • Ideal for High Power Sensing • Finish is a unique corrosion-resistant 316 stainless steel epoxy coating Electrical Specifications: VSWR: 1.1 max. NOM. COUPLING: +/- 1.00 dB FREQ. SENS.: +/- 1.00 dB max. DIRECTIVITY: 15 dB min. Basic Model #: SMA F=307, N Type F=308 Material: A=Alum, B=Brass, C=Copper, D=Special Coupling (dB): 30, 40, 50, 60 (Std.) others available Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special Flange 2: See above Ordering Information: Typical Part #: 75-307B -30-6-6 Basic Model Basic Model WG Size Freq Dim. A Dim. B Dim. C No. (SMA F) No. (N Type F) (GHz) (inches) (inches) (inches) 430-307 430-308 WR430 1.70 - 2.60 4.5 1.0 1.63 284-307 284-308 WR284 2.60 - 3.95 4.5 1.0 1.63 229-307 229-308 WR229 3.30 - 4.90 4.0 1.0 1.38 187-307 187-308 WR187 3.95 - 5.85 3.5 1.0 1.13 159-307 159-308 WR159 4.90 - 7.05 3.5 1.0 0.88 137-307 137-308 WR137 5.95 - 8.20 3.0 1.0 0.88 112-307 112-308 WR112 7.05 - 10.0 3.0 1.0 0.88 90-307 90-308 WR90 8.20 - 12.4 3.0 1.0 0.88 75-307 75-308 WR75 10.0 - 15.0 3.0 1.0 0.88 62-307 62-308 WR62 12.4 - 18.0 3.0 1.0 0.88 51-307 WR51 15.0 - 22.0 3.0 1.0 0.88 42-307 WR42 18.0 - 26.5 2.5 1.0 0.63 34-307 WR34 22.0 - 33.0 2.5 1.0 0.63 28-307 WR28 26.5 - 40.0 2.5 1.0 0.63 LOOP COUPLERS Description: • Full waveguide frequency range • Units pressure tested to 30 psi Electrical Specifications: VSWR (MAX.) PRIMARY: 1.05 (1.10 for WR42, WR28) SECONDARY: 1.10 (1.15 for WR42, WR28) NOM. COUPLING(dB): ± .50 (± .75 for WR42, WR28) FREQ. SENS. (dB): ± .6 (± .75 for WR42, WR28) DIRECTIVITY (dB): 40 typical, 30 min. BROADWALL DIRECTIONAL COUPLERS Basic Model #: 304 or 305 or 306 Material: A=Alum, B=Brass, C=Copper, D=Special Coupling (dB): 3, 6, 10, 20, 30, 40 Flange 1: 1=CPRG, 2=CPRF, 6=COVER, 7=CHOKE, 8= SPECIAL Flange 2: See above Flange 3: See above Ordering Information: Typical Part #: Description: • Full waveguide frequency range • Units pressure tested to 30 psi • Ideal for High Power Combiner/Divider • Finish is a unique corrosion-resistant 316 stainless steel epoxy coating Electrical Specifications: VSWR PRIMAR Y: 1.05 max. COAX SECONDARY: 1.25 max. NOM. COUPLING: ± 0.50 dB FREQ. SENS.: ± 1.00 dB max. DIRECTIVITY: 20 dB min. CROSSGUIDE DIRECTIONAL COUPLERS Basic Model #: Material: A=Alum, B=Brass, C=Copper, D=Special Coupling (dB): 30, 40, 50 Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8= Special Flange 2: See above Flange 3: See above Flange 4: See above Ordering Information: Typical Part #: 137-300B -30-1-1-1-1 Basic WG Size Freq Dim A Dim. B Dim. C Model No. (GHz) (inches) (inches) (inches) 430-Type # WR430 1.70 - 2.60 7.50 5.00 8.00 284-Type # WR284 2.60 - 3.95 7.50 3.75 5.00 229-Type # WR229 3.30 - 4.90 7.00 3.50 4.75 187-Type # WR187 3.95 - 5.85 6.50 3.25 4.50 159-Type # WR159 4.90 - 7.05 6.00 3.00 4.00 137-Type # WR137 5.95 - 8.20 6.00 3.00 4.00 112-Type # WR112 7.05 - 10.0 4.20 2.10 3.00 90-Type # WR90 8.20 - 12.4 4.00 2.00 2.75 75-Type # WR75 10.0 - 15.0 3.75 1.87 2.50 62-Type # WR62 12.4 - 18.0 3.50 1.75 2.37 51-Type # WR51 15.0 - 22.0 3.10 1.50 2.25 42-Type # WR42 18.0 - 26.5 2.20 1.10 1.50 34-Type # WR34 22.0 - 33.0 2.20 1.10 1.50 28-Type # WR28 26.5 - 40.0 2.00 1.00 1.50 • Ideal for High Power Combiner/Divider • Finish is a unique corrosion-resistant 316 stainless steel epoxy coating A C B Flg 4 Flg 2 Flg 1 Flg 3 137-304B -10-1-1-1 Basic WG Size FreqDimensionDimensionDimension Model No. (GHz) A (inches) B (inches) C (inches) 650-Type # WR650 1.12 - 1.70 430-Type # WR430 1.70 - 2.60 284-Type # WR284 2.60 - 3.95 50.25 9.18 2.66 229-Type # WR229 3.30 - 4.90 42.00 6.81 1.00 187-Type # WR187 3.95 - 5.85 34.62 6.44 1.81 159-Type # WR159 4.90 - 7.05 32.50 5.25 0.88 137-Type # WR137 5.95 - 8.20 26.50 3.06 1.56 112-Type # WR112 7.05 - 10.0 18.62 3.06 0.94 90-Type # WR90 8.20 - 12.4 16.68 1.94 0.81 75-Type # WR75 10.0 - 15.0 15.00 2.50 1.25 62-Type # WR62 12.4 - 18.0 13.75 2.18 0.66 51-Type # WR51 15.0 - 22.0 11.50 1.25 0.66 42-Type # WR42 18.0 - 26.5 9.50 1.25 0.75 34-Type # WR34 22.0 - 33.0 9.00 1.25 0.75 28-Type # WR28 26.5 - 40.0 8.00 1.12 0.75 Type #’s: 300 = 4WG Ports 301 = 3WG Ports 302 = 2WG Ports, 1 Type N (F) Coax Port 303 = 2WG Ports 1 SMA (F) Coax Port Short slot hybrid configuration Symmetrical 4 port device 90 degree phase shift Flange Code: 2=CPRG; 6=Cover; 7=Choke WAVEGUIDE COMBINER-DIVIDER Type # :304 (WG) Type # :305 (SMA), 306 (N Type) WG Size Freq VSWR Isolation Model WR (GHz) Max Min. dB No. 159 5.80-6.50 1.15 26 159-410-2-2-2-2 137 5.80-6.50 1.15 26 137-410-2-2-2-2 112 7.90-9.00 1.15 26 112-410-6-6-6-6 75 13.0-15.0 1.15 26 75-410-2-2-2-2 62 13.5-15.6 1.15 26 62-410-6-6-6-6 |
Similar Part No. - 34-310B-1040-2-1-1-1 |
|
Similar Description - 34-310B-1040-2-1-1-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |