Selected language     English  ā–¼


KTD1003 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part No. KTD1003
Description  Load Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Homepage  www.chinakexin.com/
Logo 

   
 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
IC
TSSOP-8
Unit: mm
1,5,8: Drain
2,3,6,7: Source
4: Gate
HEXFET Power MOSFET
KRF7756
Features
Ultra Low On-Resistance
Dual P-Channel MOSFET
Very Small SOIC Package
Low Profile (
1.2mm)
Available in Tape & Reel
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain- Source Voltage
VDS
-12
V
Continuous Drain Current, VGS @ -4.5V @ TA =25
ID
-4.3
Continuous Drain Current, VGS @ -4.5V @ TA =70
ID
-3.5
Pulsed Drain Current *1
IDM
-17
Power Dissipation *2
@TA=25
PD
1.0
W
Power Dissipation *2
@TA =70
PD
0.64
W
Linear Derating Factor
8
mW/
Gate-to-Source Voltage
VGS
8
V
Junction and Storage Temperature Range
TJ,TSTG
-55to+150
Maximum Junction-to-Ambient *2
R JA
125
/W
*1 Repetitive rating; pulse width limited by max. junction temperature.
*2 Surface mounted on FR-4 board,
10sec
A




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MBT35200MT1_05High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
MP4013_07High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 Toshiba Semiconductor
MP4024High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 Toshiba Semiconductor
MP4501_07High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 MoreToshiba Semiconductor
KSS133Load Switching Applications 1 2 Guangdong Kexin Industrial Co.,Ltd
MP4504_07High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 MoreToshiba Semiconductor
MMBT489LT1_06High Current Surface Mount NPN Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
MP4025_07High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 Toshiba Semiconductor
MP4507_07High Power Switching Applications Hammer Drive Pulse Motor Drive and Inductive Load Switching 1 2 3 4 5 MoreToshiba Semiconductor
MMBT589LT1_07High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl