Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS8928A Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDS8928A
Description  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDS8928A Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KDS8928A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDS8928A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KDS8928A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.kexin.com.cn
3
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
N-Ch
1.3
P-Ch
-1.3
VGS =0V, IS = 1.3A (Not 2)
N-Ch
0.68
1.2
VGS =0V, IS = -1.3A (Not 2)
P-Ch
-0.7
-1.2
A
V
Testconditons
VSD
Drain-Source Diode Forward Voltage
IS
Maximum Continuous Drain-Source
Diode Forward Current
KDS8928A


Similar Part No. - KDS8928A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
More results

Similar Description - KDS8928A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
FDS8928A FAIRCHILD-FDS8928A Datasheet
285Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
SI4539DY FAIRCHILD-SI4539DY Datasheet
240Kb / 9P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com