Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRS1 Datasheet(PDF) 4 Page - Allen-Bradley

Part # FRS1
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

FRS1 Datasheet(HTML) 4 Page - Allen-Bradley

  FRS1 Datasheet HTML 1Page - Allen-Bradley FRS1 Datasheet HTML 2Page - Allen-Bradley FRS1 Datasheet HTML 3Page - Allen-Bradley FRS1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Interlock Switches
3-45
Non contact Switches
Ferrogard 1, 2, 20 & 21
Application Details
Encapsulated in the Ferrogard is a unique high power industrial reed,
capable of switching up to 15A. The need switch is de-rated by a
non resettable overload protection fuse. On presenting the actuator
to the switch, the high intensity magnetic field from the actuator
causes the contacts to close. On removing the actuator (opening
the door), the safety contacts open.
Operating Principle
When the actuator is aligned with the switch, the
sensing distance is 10mm (0.39.) As the amount of
misalignment increases, the sensing distance
decreases. Beyond 4mm (0.16), the switch will not
actuate in the presence of the actuator.
10 (0.39)
Misalignment tolerance on
nonferrous materials
4 (0.16)
4 (0.16)
Typical Operating Curve


Similar Part No. - FRS1

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
FRS1/2W ABCO-FRS1/2W Datasheet
570Kb / 1P
   FIXED FUSIBLE RESISTORS
logo
First Components Intern...
FRS10 FCI-FRS10 Datasheet
125Kb / 2P
   1.0 Amp FAST RECOVERY RECTIFIERS Mechanical Dimensions
logo
Allen-Bradley
FRS10 ALLEN-BRADLEY-FRS10 Datasheet
57Kb / 2P
   Non contact Switches
logo
First Components Intern...
FRS10G FCI-FRS10G Datasheet
438Kb / 2P
   1.0 Amp Surface Mount Glass Fast Recovery Rectifiers
FRS10G110G FCI-FRS10G110G Datasheet
438Kb / 2P
   1.0 Amp Surface Mount Glass Fast Recovery Rectifiers
More results

Similar Description - FRS1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com