Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2030-RLSJW Datasheet(PDF) 3 Page - Allen-Bradley

Part # 2030-RLSJW
Description  ElectroGuard
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2030-RLSJW Datasheet(HTML) 3 Page - Allen-Bradley

  2030-RLSJW Datasheet HTML 1Page - Allen-Bradley 2030-RLSJW Datasheet HTML 2Page - Allen-Bradley 2030-RLSJW Datasheet HTML 3Page - Allen-Bradley 2030-RLSJW Datasheet HTML 4Page - Allen-Bradley 2030-RLSJW Datasheet HTML 5Page - Allen-Bradley 2030-RLSJW Datasheet HTML 6Page - Allen-Bradley 2030-RLSJW Datasheet HTML 7Page - Allen-Bradley 2030-RLSJW Datasheet HTML 8Page - Allen-Bradley 2030-RLSJW Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12-12
Safety Isolation System
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table below.
Example: Cat. No. 2033-!0085J
-44 becomes Cat. No. 2033-M0085J-44 for “600A Line Side Incoming Bus and Outgoing Power Cables” bussing designation.
Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2033-A0085J
-44 becomes Catalogue Number 2033-A0085JB-44 for a 480V 60Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➋
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for Outside of North America (see page 12-19 for Ordering Instructions)
➊ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
➋ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
➌ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. See page 12-14 for instructions on how to order the optional time delay feature. Consult your local Rockwell Automation sales office for other time settings.
Type of Bussing ➊
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
M
1200A Line Side Incoming Bus and Outgoing Power Cables
S
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
F
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
B
Input Line Voltage
208V 60Hz
240V 60Hz
480V 60Hz
600V 60Hz
Voltage Code for Catalogue Number
HA
B
C
“System Isolated” Light
Colour
Catalogue Number
Type 1 General Purpose
Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight
Painted Steel Enclosure
Type 4X Watertight
Stainless Steel Enclosure
White
2030-RLSAW
2030-RLSJW
2030-RLSFW
2030-RLSCW
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating
(50Hz)
Catalogue Number
230V
400V
500V
600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type Enclosure
(w/bussing)
IP 65 Enclosure
23
4444
2033-C0023P
-39K
2033-C0023H
-39K
2033-!0023H
-39K
2033-C0023W
-39K
5.5
5.5
5.5
5.5
2033-C0023P
-40K
2033-C0023H
-40K
2033-!0023H
-40K
2033-C0023W
-40K
7.5
7.5
7.5
7.5
2033-C0023P
-41K
2033-C0023H
-41K
2033-!0023H
-41K
2033-C0023W
-41K
-
111111
2033-C0023P
-42K
2033-C0023H
-42K
2033-!0023H
-42K
2033-C0023W
-42K
43
11
---
2033-C0043P
-42K
2033-C0043H
-42K
2033-!0043H
-42K
2033-C0043W
-42K
13
13
13
13
2033-C0043P
-43K
2033-C0043H
-43K
2033-!0043H
-43K
2033-C0043W
-43K
-
151515
2033-C0043P
-44K
2033-C0043H
-44K
2033-!0043H
-44K
2033-C0043W
-44K
-
18.5
18.5
18.5
2033-C0043P
-45K
2033-C0043H
-45K
2033-!0043H
-45K
2033-C0043W
-45K
-
222222
2033-C0043P
-46K
2033-C0043H
-46K
2033-!0043H
-46K
2033-C0043W
-46K
85
15
---
2033-C0085P
-44K
2033-C0085H
-44K
2033-!0085H
-44K
2033-C0085W
-44K
18.5
---
2033-C0085P
-45K
2033-C0085H
-45K
2033-!0085H
-45K
2033-C0085W
-45K
22
---
2033-C0085P
-46K
2033-C0085H
-46K
2033-!0085H
-46K
2033-C0085W
-46K
25
25
25
25
2033-C0085P
-47K
2033-C0085H
-47K
2033-!0085H
-47K
2033-C0085W
-47K
-
323232
2033-C0085P
-48K
2033-C0085H
-48K
2033-!0085H
-48K
2033-C0085W
-48K
-
373737
2033-C0085P
-49K
2033-C0085H
-49K
2033-!0085H
-49K
2033-C0085W
-49K
-
454545
2033-C0085P
-50K
2033-C0085H
-50K
2033-!0085H
-50K
2033-C0085W
-50K
110
32
---
2033-C0110P
-48K
2033-C0110H
-48K
2033-!0110H
-48K
2033-C0110W
-48K
-
555555
2033-C0110P
-51K
2033-C0110H
-51K
2033-!0110H
-51K
2033-C0110W
-51K
-
-
63
63
2033-C0110P
-52K
2033-C0110H
-52K
2033-!0110H
-52K
2033-C0110W
-52K


Similar Part No. - 2030-RLSJW

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2030-RLSAW ALLEN-BRADLEY-2030-RLSAW Datasheet
158Kb / 8P
   ElectroGuard
More results

Similar Description - 2030-RLSJW

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2032-C0023PX-23B ALLEN-BRADLEY-2032-C0023PX-23B Datasheet
164Kb / 9P
   ElectroGuard
2032-A0023AX-24J ALLEN-BRADLEY-2032-A0023AX-24J Datasheet
162Kb / 9P
   ElectroGuard
2030-RLSAW ALLEN-BRADLEY-2030-RLSAW Datasheet
158Kb / 8P
   ElectroGuard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com