Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KI4542DY Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI4542DY
Description  30V Complementary PowerTrench MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI4542DY Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI4542DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI4542DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI4542DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Min
Typ
Max
Unit
VGS =0V, ID = 250
A
N-Ch
30
VGS =0V, ID = -250
A
P-Ch
-30
ID = 250
A, Referenced to 25
N-Ch
23
ID = -250
A, Referenced to 25
P-Ch
-21
VDS = 24V, VGS =0V
N-Ch
1
VDS =-24 V, VGS =0V
P-Ch
-1
VGS =
20V, VDS =0V
N-Ch
100
VGS =
20 V, VDS =0V
P-Ch
100
VDS =VGS,ID = 250
A
N-Ch
1
1.5
3
VDS =VGS,ID = -250
A
P-Ch
-1
-1.7
-3
ID = 250
A, Referenced to 25
N-Ch
-4
ID = -250
A, Referenced to 25
P-Ch
4
VGS =10V, ID =6A
19
28
VGS =10V, ID =6A,TJ=125
32
48
VGS =4.5 V, ID =5A
25
35
VGS =-10 V, ID =-6 A
21
32
VGS =-10 V, ID =-5 A,TJ=125
29
51
VGS =-4.5V, ID =-5A
30
45
VGS =10V, VDS =5V
N-Ch
20
VGS =-10 V, VDS =-5V
P-Ch
-20
VDS = 15V, ID =6A
N-Ch
18
VDS = -10V, ID = -6A
P-Ch
16
N-Channel
N-Ch
830
VDS =15V, VGS = 0 V,f = 1.0 MHz
P-Ch
1540
N-Ch
185
P-Channel
P-Ch
400
VDS =-15 V, VGS = 0 V,f = 1.0 MHz
N-Ch
80
P-Ch
170
N-Channel
N-Ch
6
12
VDD =15V, ID = 1 A,
P-Ch
13
24
VGS =10V, RGEN =6
(Note 2)
N-Ch
10
18
P-Ch
22
35
P-Channel
N-Ch
18
29
VDD =-15 V, ID =-1A,
P-Ch
47
75
VGS =-10 V, RGEN =6
(Note 2)
N-Ch
5
12
P-Ch
18
30
N-Channel
N-Ch
9
13
VDS =15V,ID=7.5A,VGS=5V(Note 2)
P-Ch
15
20
N-Ch
2.8
P-Channel
P-Ch
4
VDS=-10V,ID=-6A,VGS=-5V(Note 2)
N-Ch
3.1
P-Ch
5
VGS(th)
Gate Threshold Voltage
N-Ch
BVDSS
Drain-Source Breakdown Voltage
Breakdown Voltage Temperature
Coefficient
Gate-Body Leakage
IGSS
IDSS
Zero Gate Voltage Drain Current
gFS
Forward Transconductance
Gate Threshold Voltage Temperature
Coefficient
RDS(on)
Static Drain-Source On-Resistance
ID(on)
On-State Drain Current
RDS(on)
Static Drain-Source On-Resistance
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
td(on)
Turn-On Delay Time
tr
Turn-On Rise Time
td(off)
Turn-Off Delay Time
tf
Turn-Off Fall Time
Qg
Total Gate Charge
Gate-Source Charge
Qgs
Qgd
Gate-Drain Charge
P-Ch
V
mV/
A
nA
V
mV/
m
ns
ns
A
S
pF
nC
Testconditons
ns
ns
nC
nC
pF
pF
KI4542DY


Similar Part No. - KI4542DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
More results

Similar Description - KI4542DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4542DY FAIRCHILD-SI4542DY Datasheet
56Kb / 4P
   30V Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
650Kb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com