Part Name
         Description
1SS422

 High Speed Switching Diodes ( 1 Page)


KEXIN
100% 
Zoom Out Zoom In
   
 1 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
High Speed Switching Diodes
1SS422
Features
Small surface mounting type
High Speed
High reliability with high surge current handing capability
SOD-523
Unit: mm
0.77max
0.6+0.1
-0.1
1.2+0.1
-0.1
1.6+0.1
-0.1
+-
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Peak reverse voltage
VRM
100
V
DC reverse voltage
VR
85
V
Average forward current
IO
150
mA
Peak forward current
IFM
500
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF=150mA
1.2
V
Reverse current
IR
VR=85V
0.1
A
Total Capacitance
CT
VR=0.5V, f=1MHZ
3.0
pF
Reverse recovery time
trr
VR=6V,IF=10mA,RL=100
4ns
Marking
Marking
6
1 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
LL4148HIGH SPEED SILICON SWITCHING DIODES 1 2 TRANSYS Electronics Limited
KAS516High Speed Switching Diodes 1 2 3 Guangdong Kexin Industrial Co.,Ltd
1N4448HIGH SPEED SILICON SWITCHING DIODES AXIAL LEAD 1 2 TRANSYS Electronics Limited
1SS400GHigh Speed Switching Diodes 1 Guangdong Kexin Industrial Co.,Ltd
BAV99HIGH - SPEED SWITCHING DIODES 1 First Components International
1SS184_07Ultra High Speed Switching Application 1 2 3 Toshiba Semiconductor
1SS309_07Ultra High Speed Switching Applications 1 2 3 Toshiba Semiconductor
1SS357_07Low Voltage High Speed Switching 1 2 3 Toshiba Semiconductor
1SS387_07Ultra High Speed Switching Applications 1 2 3 4 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl