Electronic Components Datasheet Search |
|
800Z-HAH2 Datasheet(PDF) 2 Page - Allen-Bradley |
|
800Z-HAH2 Datasheet(HTML) 2 Page - Allen-Bradley |
2 / 5 page Two-Hand Control Devices 11-7 Zero-Force Touch Buttons 800Z Heavy Industrial Product Selection Use the configurator below to build an 800Z touch button to suit your application. ➊ Heavy industrial devices have an eight-position terminal block connection. See wiring diagrams on page 11-10 for details. ➋ Safety relays should be used in two-hand control applications. Kits include two identical touch buttons and one MSR125HP safety relay with removeable terminals. Mounting Style Input Voltage Range and Output Type Guard Catalogue Number Terminal Block Flush Mount 10...40V DC and 20...30V AC Input Relay Output No Guard 800Z-HL1 Yellow Guard 800Z-HL1Y 85...264V AC Input Relay Output No Guard 800Z-HF1 Yellow Guard 800Z-HF1Y abd Voltage Mounting Type/Connection ➊ Kit Option ➋ Code Description Code Description Code Description L Input: 10...40V DC and 20...30V AC 1 Flush Mounting/Terminal Block Blank No Kit Output: Relay K1 24V AC/DC Relay Kit F Input: 85...264V AC c K2 120V AC Relay Kit Output: Relay Guard Option K3 240V AC Relay Kit Code Description Blank No Guard Y Yellow Guard 800Z – H L 1Y - ab c d |
Similar Part No. - 800Z-HAH2 |
|
Similar Description - 800Z-HAH2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |