Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

700S-CF440XC Datasheet(PDF) 7 Page - Allen-Bradley

Part # 700S-CF440XC
Description  Safety Control Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700S-CF440XC Datasheet(HTML) 7 Page - Allen-Bradley

Back Button 700S-CF440XC Datasheet HTML 3Page - Allen-Bradley 700S-CF440XC Datasheet HTML 4Page - Allen-Bradley 700S-CF440XC Datasheet HTML 5Page - Allen-Bradley 700S-CF440XC Datasheet HTML 6Page - Allen-Bradley 700S-CF440XC Datasheet HTML 7Page - Allen-Bradley 700S-CF440XC Datasheet HTML 8Page - Allen-Bradley 700S-CF440XC Datasheet HTML 9Page - Allen-Bradley 700S-CF440XC Datasheet HTML 10Page - Allen-Bradley 700S-CF440XC Datasheet HTML 11Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Contactors & Control Relays
9-23
Safety Control Relays
100S-C and 700S-CF
Control Modules
Description
Connection
Diagrams
For Use With
Catalogue
Number
Catalogue
Number
DC Interface (electronic)
• Interface between the DC control signal (PLC) and the contactor
AC operating mechanism
• Control voltage 18…30V DC (24V DC nominal)
• For coil voltage of 110… 240V AC
• Suitable for all 100S-C contactor sizes, 9…85 A
• Requires no additional surge suppression for the coils
• Power consumption
– 0.1 W at 18V DC
– 0.25 W at 24V DC
– 0.5 W at 30V DC
100S-C with AC coils
700S-CF with AC
coils
100-JE
Surge Suppressors
For limitation of coil
switching transients.
• Plug-in, coil mounted
• Suitable for all 100S-C
contactor sizes, 9…85
A
•RC, Varistor and
Diode Versions
RC Module
AC Operating
Mechanism
24…48V, 50/60 Hz
110…280V, 50/60 Hz
380…480V, 50/60 Hz
100S-C with AC coils
700S-CF with AC
coils
100-FSC48
100-FSC280
100-FSC480
Varistor
Module
AC/DC
Operating
Mechanism
12…55V AC/12…77V DC
56…136V AC /78…180V DC
137…277V AC /181…350V
DC
278…575V AC
100S-C all
700S-CF all
100-FSV55
100-FSV136
100-FSV277
100-FSV575
Diode Module
DC Operating
Mechanism
12…250V DC
100S-C with DC coils
700S-CF with
DC coils
100-FSD250
K1M
(K1M)


Similar Part No. - 700S-CF440XC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-CF440XC ALLEN-BRADLEY-700S-CF440XC Datasheet
250Kb / 5P
   Industrial Relays
More results

Similar Description - 700S-CF440XC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700S-P ALLEN-BRADLEY-700S-P Datasheet
71Kb / 3P
   Safety Control Relays
logo
SICK AG
UE43-2MF2D2 SICK-UE43-2MF2D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-2MF3D2 SICK-UE43-2MF3D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-3MF2D3 SICK-UE43-3MF2D3 Datasheet
362Kb / 5P
   SAFETY RELAYS
UE23-3MF2D2 SICK-UE23-3MF2D2 Datasheet
279Kb / 5P
   SAFETY RELAYS
UE43-4AR3D2 SICK-UE43-4AR3D2 Datasheet
309Kb / 6P
   SAFETY RELAYS
UE48-2OS3D2 SICK-UE48-2OS3D2 Datasheet
329Kb / 6P
   SAFETY RELAYS
MOC3ZA-KAZ33A3 SICK-MOC3ZA-KAZ33A3 Datasheet
401Kb / 5P
   SAFETY RELAYS
UE11-4DX2D30.5 SICK-UE11-4DX2D30.5 Datasheet
304Kb / 6P
   SAFETY RELAYS
UE12-2FG2D0 SICK-UE12-2FG2D0 Datasheet
266Kb / 5P
   SAFETY RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com