Electronic Components Datasheet Search |
|
700S-CF530XC Datasheet(PDF) 2 Page - Allen-Bradley |
|
700S-CF530XC Datasheet(HTML) 2 Page - Allen-Bradley |
2 / 12 page 9-18 Contactors & Control Relays Safety Control Relays 700S-CF Product Selection Type CF Control Relays — 8-Pole AC Coil Voltage ! All Catalogue Numbers are factory-stocked. ⊗ AC Coil Voltage Code The Catalogue Number is incomplete. Select a coil voltage code from the table below to complete the Catalogue Number. Example: 120V 60 Hz: Catalogue Number 700S-CF440 ⊗C becomes Catalogue Number 700S-CF440DC. AC-12 AC-15 Connection Diagrams Contacts Catalogue Number ! Ith [A] Ie [A] Main Contacts Auxiliary Contacts 40 °C60°C 24/ 48V 120V 240V 400V 500V 600V 690V NO NC Main Contacts 20 20 10 10 10 6 2.5 1 1 44 700S-CF440 ⊗C 53 700S-CF530 ⊗C Adder Deck Contacts 10 6 6 6 5 3 1.6 1 1 6 2 700S-CF620 ⊗C Voltage 1224 323642 48 100 100- 110 110 120 127 200 200- 220 208 208- 240 220- 230 50 Hz R K V W X Y KP – D P S KG L – – F 60 Hz Q J – V – X – KP – D – – KG H L – 50/60 Hz – KJ – – – KY KP – KD – – KG KL – – KL Voltage 230 230- 240 240 277 347 380 380- 400 400 400- 415 440 480 500 550 600 50 Hz – VA T – – – N – G B – M C – 60 Hz – – A T I E – – – N B – – C 50/60 Hz KF – KA – – – – KN – KB – – – – K1 A1 A2 14 13 22 21 34 33 44 43 54 53 62 61 72 71 82 81 K1 A1 A2 14 13 22 21 34 33 44 43 54 53 62 61 72 71 84 83 K1 A1 A2 14 13 22 21 34 33 44 43 54 53 62 61 74 73 84 83 54 53 62 61 74 73 84 83 54 53 62 61 74 73 84 83 |
Similar Part No. - 700S-CF530XC |
|
Similar Description - 700S-CF530XC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |