Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440T-VMVLE11 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440T-VMVLE11
Description  Miniature Valve Interlocks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-VMVLE11 Datasheet(HTML) 1 Page - Allen-Bradley

  440T-VMVLE11 Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5-31
Prosafe Trapped Key Interlock Switches
Miniature Valve Interlocks
Features
• Direct drive operation
• Supplied with valves 0.25in to 1in
• Direct body mounting with security screws
• Locked open or locked closed options
• Virtually maintenance free
• Weatherproof stainless steel dust cap as standard
• Replaceable code barrel assembly
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Dimensions—mm (inches)
Model
A
B
C
MVLE10
104 (4.1)
68 (2.7)
38 (1.5)
MVLE11
104 (4.1)
68 (2.7)
38 (1.5)
MVLE12
112 (4.4)
80 (3.2)
48 (1.9)
MVLE13
104 (4.1)
68 (2.7)
38 (1.5)
MVLE14
104 (4.1)
68 (2.7)
38 (1.5)
MVLE15
112 (4.4)
80 (3.2)
48 (1.9)
MVLE16
108 (4.3)
110 (4.3)
53 (2.1)
MVLE17
108 (4.3)
110 (4.3)
53 (2.1)
MVLE18
115 (4.5)
110 (4.3)
61 (2.4)
MVLE19
115 (4.5)
110 (4.3)
61 (2.4)
Valve Locked
Closed Key Free
Valve Open
Key Trapped
Locking Disc
Code Barrel Assembly
Coded Key
Dim B (nom)
Valve Handle
Dim C (nom)
Ball Valve
Specifications
Product Selection
Substitute the desired primary code for this symbol (key not included). See page
5-6 for code selection.
Accessories
➊ Substitute the desired primary code for this symbol (key not included). See page
5-6 for code selection.
Substitute the desired code for this symbol. See page 5-6 for code selection.
Standards
EN292-1&2, EN1088, ISO12100-1&2,
ISO14119, AS4024.1
Approvals
BG and CE marked for all applicable
directives
Ambient Temperature
-40°C to +200°C (14°F to +392°F)
Mechanical Operations
100,000
Maximum Shear Force to
Key
15.1kN (3398lbs)
Maximum Torque to Key
14Nm (124lb•in)
Relative Operating Humidity
25% to 95%
Material
316L Stainless Steel
Valve Size
Valve Status
Catalogue Number
0.25in BSP
Key Free/Valve Locked Closed
440T-VMVLE10➊
0.375in BSP
Key Free/Valve Locked Closed
440T-VMVLE11➊
0.5in BSP
Key Free/Valve Locked Closed
440T-VMVLE12➊
0.25in BSP
Key Free/Valve Locked Open
440T-VMVLE13➊
0.375in BSP
Key Free/Valve Locked Open
440T-VMVLE14➊
0.5in BSP
Key Free/Valve Locked Open
440T-VMVLE15➊
1.0in BSP
Key Free/Valve Locked Closed
440T-VMVLE18➊
1.0in BSP
Key Free/Valve Locked Open
440T-VMVLE19➊
Description
Page Number
Catalogue Number
Replacement Key
5-33
440T-AKEYE10
Replacement
Code Barrel
440T-ASCBE14➊
Replacement Dust Cap
440T-ASFC10


Similar Part No. - 440T-VMVLE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-VPVLE10 ALLEN-BRADLEY-440T-VPVLE10 Datasheet
89Kb / 1P
   Valve Lock, 3 Port Spool
More results

Similar Description - 440T-VMVLE11

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSBLE10 ALLEN-BRADLEY-440T-MSBLE10 Datasheet
75Kb / 2P
   Bolt Interlocks
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR9R ALLEN-BRADLEY-MSR9R Datasheet
26Kb / 1P
   Position (Limit) Interlocks
440T-MSALE10 ALLEN-BRADLEY-440T-MSALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
logo
List of Unclassifed Man...
CL101 ETC1-CL101 Datasheet
270Kb / 1P
   Control valve Pressure reducing valve
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
logo
Festo Corporation.
546734 FESTO-546734 Datasheet
101Kb / 2P
   Basic valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com